Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9006 Datasheet (PDF) - STMicroelectronics

LET9006 Datasheet PDF - STMicroelectronics
Part # LET9006
Download  LET9006 Download
File Size   40.55 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package

LET9006 Datasheet (PDF)

Go To PDF Page Download Datasheet
LET9006 Datasheet PDF - STMicroelectronics

Part # LET9006
Download  LET9006 Click to download

File Size   40.55 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package

LET9006 Datasheet (HTML) - STMicroelectronics


LET9006 Product details

DESCRIPTION
The LET9006 is a common source N-Channel, enhancement-mode lateral Field-Effect RF power transistor. It is designed for high gain, broad band commercial and industrial applications. It operates at 26 V in common source mode at frequencies up to 1 GHz. LET9006 boasts the excellent gain, linearity and reliability of ST’s latest LDMOS technology mounted in the innovative leadless SMD plastic package, PowerFLAT™.
It is ideal for digital cellular BTS applications requiring high linearity.

N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETs

• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION
• POUT = 6 W with 17 dB gain @ 960 MHz / 26V
• NEW LEADLESS PLASTIC PACKAGE
• ESD PROTECTION
• SUPPLIED IN TAPE & REEL OF 3K UNITS




Similar Part No. - LET9006

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9002 STMICROELECTRONICS-LET9002 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
More results


Similar Description - LET9006

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET19060C STMICROELECTRONICS-LET19060C Datasheet
34Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET20015 STMICROELECTRONICS-LET20015 Datasheet
67Kb / 5P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
27-Feb-2003
LET20030C STMICROELECTRONICS-LET20030C Datasheet
37Kb / 5P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET20030S STMICROELECTRONICS-LET20030S Datasheet
43Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
27-Feb-2003
LET21004 STMICROELECTRONICS-LET21004 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET21008 STMICROELECTRONICS-LET21008 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET21030C STMICROELECTRONICS-LET21030C Datasheet
62Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET9002 STMICROELECTRONICS-LET9002 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET9045S STMICROELECTRONICS-LET9045S Datasheet
292Kb / 9P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
27-Feb-2003
LET9060S STMICROELECTRONICS-LET9060S Datasheet
296Kb / 10P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
25-Mar-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com