Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-NUCLEO-IOD02A1 Datasheet (PDF) - STMicroelectronics

P-NUCLEO-IOD02A1 Datasheet PDF - STMicroelectronics
Part # P-NUCLEO-IOD02A1
Download  P-NUCLEO-IOD02A1 Download
File Size   926.72 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STM32 Nucleo pack for IO-Link device applications based on L6364Q transceiver, industrial sensors and STM32L452RE MCU

P-NUCLEO-IOD02A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
P-NUCLEO-IOD02A1 Datasheet PDF - STMicroelectronics

Part # P-NUCLEO-IOD02A1
Download  P-NUCLEO-IOD02A1 Click to download

File Size   926.72 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STM32 Nucleo pack for IO-Link device applications based on L6364Q transceiver, industrial sensors and STM32L452RE MCU

P-NUCLEO-IOD02A1 Datasheet (HTML) - STMicroelectronics


P-NUCLEO-IOD02A1 Product details

Features
• X-NUCLEO-IOD02A1 IO-Link transceiver expansion board based on the
L6364Q device
• X-NUCLEO-IKS02A1 multi-sensor expansion board based on ISM330DHCX
MEMS 3D accelerometer and 3D gyroscope, IIS2MDC MEMS 3D
magnetometer, IIS2DLPC MEMS 3D low power accelerometer and IMP34DT05
MEMS digital omnidirectional microphone
• NUCLEO-L452RE development board embedding STM32L452RET6U 32-bit
microcontroller based on ARM® Cortex®-M4 core (80 MHz max) with 512 Kbyte
Flash memory and 160K byte SRAM
• FP-IND-IODSNS1 function pack featuring IO-Link demo-stack for X-NUCLEOIOD02A1
and sensor control on the X-NUCLEO-IKS02A1
Description
The P-NUCLEO-IOD02A1 is an STM32 Nucleo pack composed of the X-NUCLEOIOD02A1
and X-NUCLEO-IKS02A1 expansion boards stacked on the NUCLEOL452RE
development board.
The X-NUCLEO-IOD02A1 features an IO-Link device transceiver for the physical
connection to an IO-Link master, while the X-NUCLEO-IKS02A1 features a multisensor
board for industrial applications, and the NUCLEO-L452RE features the
necessary hardware resources to run the FP-IND-IODSNS1 function pack and to
control the transceiver and multi-sensor boards.
The FP-IND-IODSNS1 combines an IO-Link demo stack library (derived from XCUBE-
IOD02) with the X-CUBE-MEMS1 and features an example of IO-Link device
multi-sensor node.
The P-NUCLEO-IOD02A1 can be used for evaluation purpose and as development
environment.
The STM32 Nucleo pack provides an affordable and easy-to-use solution for the
development of IO-Link and SIO applications, evaluation of L6364Q communication
features and robustness, together with the STM32L452RET6U computation
performance.




Similar Part No. - P-NUCLEO-IOD02A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P-NUCLEO-IOD01A1 STMICROELECTRONICS-P-NUCLEO-IOD01A1 Datasheet
273Kb / 4P
STM32 Nucleo pack for IO-Link device fully compatible with IO-Link v1.1 (PHY and stack)
Rev 3 - October 2018
More results


Similar Description - P-NUCLEO-IOD02A1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
logo
STMicroelectronics
STEVAL-IOD04KT1 STMICROELECTRONICS-STEVAL-IOD04KT1 Datasheet
2Mb / 10P
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
X-NUCLEO-IOD02A1 STMICROELECTRONICS-X-NUCLEO-IOD02A1 Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
logo
Maxim Integrated Produc...
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
STMicroelectronics
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com