Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z9975CA Datasheet (PDF) - Cypress Semiconductor

Z9975CA Datasheet PDF - Cypress Semiconductor
Part # Z9975CA
Download  Z9975CA Download
File Size   73.69 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V, 150MHz, Multi-Output Zero Delay Buffer

Z9975CA Datasheet (PDF)

Go To PDF Page Download Datasheet
Z9975CA Datasheet PDF - Cypress Semiconductor

Part # Z9975CA
Download  Z9975CA Click to download

File Size   73.69 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V, 150MHz, Multi-Output Zero Delay Buffer

Z9975CA Datasheet (HTML) - Cypress Semiconductor


Z9975CA Product details

Product Description

The Z9975 is a low cost 3.3V zero delay clock driver for high speed signal buffering and redistribution.



Product Features

• Output Frequency up to 150MHz

• Supports Power PC TM, and Pentium™ Processors

• 15 Clock Output: Frequency Configurable

• Two Reference Clock Inputs for Dynamic Toggling

• Output Tri-State Control

• Spread Spectrum Compatible

• 3.3V Power Supply

• Industrial Temp. Range: -40°C to +85°C

• 52 Pin TQFP Package



 




Similar Part No. - Z9975CA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
More results


Similar Description - Z9975CA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972 Datasheet
70Kb / 8P
3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976 Datasheet
97Kb / 10P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9951 CYPRESS-Z9951 Datasheet
57Kb / 9P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9952 CYPRESS-Z9952 Datasheet
54Kb / 9P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9953 CYPRESS-Z9953 Datasheet
51Kb / 6P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com