Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDD6907 Datasheet (PDF) - Potens Semiconductor Corp.

PDD6907 Datasheet PDF - Potens Semiconductor Corp.
Part # PDD6907
Download  PDD6907 Download
File Size   1035.59 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V P-Channel MOSFETs

PDD6907 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDD6907 Datasheet PDF - Potens Semiconductor Corp.

Part # PDD6907
Download  PDD6907 Click to download

File Size   1035.59 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V P-Channel MOSFETs

PDD6907 Datasheet (HTML) - Potens Semiconductor Corp.


PDD6907 Product details

Features
- -60V,-16A, RDS(ON) =68mΩ@VGS = -10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- Power Tools

Applications
- Motor Drive
- LED Lighting




Similar Part No. - PDD6907

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDD6901 POTENS-PDD6901 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
Ver.1.01
PDD6902 POTENS-PDD6902 Datasheet
824Kb / 5P
60V N-Channel MOSFETs
Ver.1.00
PDD6903 POTENS-PDD6903 Datasheet
1Mb / 6P
60V P-Channel MOSFETs
Ver.1.02
PDD6904 POTENS-PDD6904 Datasheet
957Kb / 5P
60V N-Channel MOSFETs
Ver.1.04
PDD6905 POTENS-PDD6905 Datasheet
1Mb / 6P
60V P-Channel MOSFETs
Ver.1.02
More results


Similar Description - PDD6907

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2P7002S FS-FTK2P7002S Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6903 FS-FTK6903 Datasheet
783Kb / 5P
60V P-Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907 FS-FTK6907 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com