Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDD6908 Datasheet (PDF) - Potens Semiconductor Corp.

PDD6908 Datasheet PDF - Potens Semiconductor Corp.
Part # PDD6908
Download  PDD6908 Download
File Size   1083.66 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V N-Channel MOSFETs

PDD6908 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDD6908 Datasheet PDF - Potens Semiconductor Corp.

Part # PDD6908
Download  PDD6908 Click to download

File Size   1083.66 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V N-Channel MOSFETs

PDD6908 Datasheet (HTML) - Potens Semiconductor Corp.


PDD6908 Product details

Features
- 60V,27A, RDS(ON)=28mΩ@VGS=10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- Power Tools

Applications
- Motor Drive
- LED Lighting




Similar Part No. - PDD6908

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDD6901 POTENS-PDD6901 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
Ver.1.01
PDD6902 POTENS-PDD6902 Datasheet
824Kb / 5P
60V N-Channel MOSFETs
Ver.1.00
PDD6903 POTENS-PDD6903 Datasheet
1Mb / 6P
60V P-Channel MOSFETs
Ver.1.02
PDD6904 POTENS-PDD6904 Datasheet
957Kb / 5P
60V N-Channel MOSFETs
Ver.1.04
PDD6905 POTENS-PDD6905 Datasheet
1Mb / 6P
60V P-Channel MOSFETs
Ver.1.02
More results


Similar Description - PDD6908

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6960DFN56 FS-FTK6960DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6960D FS-FTK6960D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6904Z FS-FTK6904Z Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910 FS-FTK6910 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910D FS-FTK6910D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910P FS-FTK6910P Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6912I FS-FTK6912I Datasheet
895Kb / 5P
60V N-Channel MOSFETs
FTK6912T FS-FTK6912T Datasheet
800Kb / 5P
60V N-Channel MOSFETs
FTK6964 FS-FTK6964 Datasheet
680Kb / 5P
60V N-Channel MOSFETs
FTK6990DFN56 FS-FTK6990DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com