Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X201.285.01 Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

X201.285.01 Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # X201.285.01
Download  X201.285.01 Download
File Size   564.57 Kbytes
Page   4 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description Thermal Overcurrent Circuit Breaker 1658-...

X201.285.01 Datasheet (PDF)

Go To PDF Page Download Datasheet
X201.285.01 Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # X201.285.01
Download  X201.285.01 Click to download

File Size   564.57 Kbytes
Page   4 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description Thermal Overcurrent Circuit Breaker 1658-...

X201.285.01 Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


X201.285.01 Product details

Description
Very cost effective design to meet international requirements. No exposed metal parts which are, or could become, current-carrying except for terminals. R-type TO CBE to EN 60934.
l Manual reset, cycling trip free mechanism
l Extremely small and lightweight
l UL, CSA, VDE and EN 60934 (IEC 60934) approved




Similar Part No. - X201.285.01

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2010-434 RFSOLUTIONS-X2010-434 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2010-868 RFSOLUTIONS-X2010-868 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2010-915 RFSOLUTIONS-X2010-915 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
logo
United Automation Ltd. ...
X20100 UNITEDAUTOMATION-X20100 Datasheet
660Kb / 7P
30kVAR (50A), 50kVAR (75A), 415V Power Factor Switch – 2-Channel Controller
19 February 2026
More results


Similar Description - X201.285.01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
808-H-1A ETC1-808-H-1A Datasheet
53Kb / 2P
Magnetic Overcurrent Circuit Breaker
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
Resettable Thermal Circuit Breaker
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
Thermal Circuit Breaker
logo
ETAL Group
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
Jul 27, 2020
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
Apr 6, 2021
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
Thermal device circuit breaker - TCP 0.1A
15.05.2012
102774 PHOENIX-102774 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
Thermal Circuit Breaker
11/2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com