Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEC2210K Datasheet (PDF) - Potens Semiconductor Corp.

PDEC2210K Datasheet PDF - Potens Semiconductor Corp.
Part # PDEC2210K
Download  PDEC2210K Download
File Size   960.75 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 20V Dual N-Channel MOSFETs

PDEC2210K Datasheet (PDF)

Go To PDF Page Download Datasheet
PDEC2210K Datasheet PDF - Potens Semiconductor Corp.

Part # PDEC2210K
Download  PDEC2210K Click to download

File Size   960.75 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 20V Dual N-Channel MOSFETs

PDEC2210K Datasheet (HTML) - Potens Semiconductor Corp.


PDEC2210K Product details

Features
- 20V,8.6A, RDS(ON) =14mΩ @VGS = 4.5V
- Improved dv/dt capability
- ESD Protection Diode Embedded
- Green Device Available
- POL Applications
- SMPS 2nd SR
- Li-Battery Protection

Applications




Similar Part No. - PDEC2210K

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEC2210V POTENS-PDEC2210V Datasheet
1Mb / 6P
20V Dual N-Channel MOSFETs
Ver.1.03
More results


Similar Description - PDEC2210K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85301Q2 TI1-CSD85301Q2 Datasheet
1Mb / 15P
20V Dual N-Channel NexFET Power MOSFETs
logo
E-CMOS Corporation
EC772320W E-CMOS-EC772320W Datasheet
178Kb / 4P
20V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2320X FS-FTK2320X Datasheet
798Kb / 5P
20V N-Channel MOSFETs
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
20V NP Dual Channel MOSFETs
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
20V N P Dual Channel MOSFETs
FTK2120NPSOT563 FS-FTK2120NPSOT563 Datasheet
1Mb / 8P
20V NP Dual Channel MOSFETs
FTK2216DFN22NN FS-FTK2216DFN22NN Datasheet
981Kb / 5P
20V Dual N-Channel MOSFETs
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
FTK2306DFN33 FS-FTK2306DFN33 Datasheet
777Kb / 5P
20V N-Channel MOSFETs
FTK2004 FS-FTK2004 Datasheet
653Kb / 4P
20V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com