Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEC3906Z Datasheet (PDF) - Potens Semiconductor Corp.

PDEC3906Z Datasheet PDF - Potens Semiconductor Corp.
Part # PDEC3906Z
Download  PDEC3906Z Download
File Size   1050.99 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 30V N-Channel MOSFETs

PDEC3906Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PDEC3906Z Datasheet PDF - Potens Semiconductor Corp.

Part # PDEC3906Z
Download  PDEC3906Z Click to download

File Size   1050.99 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 30V N-Channel MOSFETs

PDEC3906Z Datasheet (HTML) - Potens Semiconductor Corp.


PDEC3906Z Product details

Features
- 30V,60A, RDS(ON) =5.5mΩ@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- G-S ESD Protection Diode Embedded
- ESD protected up to 2KV
- MB / VGA / Vcore
- POL Applications
- SMPS 2nd SR

Applications




Similar Part No. - PDEC3906Z

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEC3906X POTENS-PDEC3906X Datasheet
994Kb / 5P
30V N-Channel MOSFETs
Ver.1.03
More results


Similar Description - PDEC3906Z

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3904 FS-FTK3904 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3904Z FS-FTK3904Z Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3906 FS-FTK3906 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3908P FS-FTK3908P Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3910DFN22 FS-FTK3910DFN22 Datasheet
978Kb / 5P
30V N-Channel MOSFETs
FTK3960DD FS-FTK3960DD Datasheet
917Kb / 5P
30V N-Channel MOSFETs
FTK3960DFN56 FS-FTK3960DFN56 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3984DFN56 FS-FTK3984DFN56 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3010HNN FS-FTK3010HNN Datasheet
1Mb / 9P
30V N-Channel MOSFETs
FTK3810HNN FS-FTK3810HNN Datasheet
1Mb / 9P
30V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com