Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84C44X Datasheet (PDF) - NXP Semiconductors

84C44X Datasheet PDF - NXP Semiconductors
Part # 84C44X
Download  84C44X Download
File Size   267.54 Kbytes
Page   38 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with OSD and VST

84C44X Datasheet (PDF)

Go To PDF Page Download Datasheet
84C44X Datasheet PDF - NXP Semiconductors

Part # 84C44X
Download  84C44X Click to download

File Size   267.54 Kbytes
Page   38 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with OSD and VST

84C44X Datasheet (HTML) - NXP Semiconductors


84C44X Product details

GENERAL DESCRIPTION

The 84C44X; 84C64X; 84C84X denotes the types:



• PCA84C440; 84C441; 84C443; 84C444

• PCA84C640; 84C641; 84C643; 84C644

• PCA84C840; 84C841; 84C843; 84C844.



which are 8-bit microcontrollers with On Screen Display (OSD) and Voltage Synthesized Tuning (VST) functions. All are members of the 84CXXX microcontroller family.

There are two oscillator types for the OSD function in the various types, i.e.,

• RC oscillator: PCA84C440; 84C443; 84C640; 84C643; 84C840; 84C843

• LC oscillator: PCA84C441; 84C444; 84C641; 84C644; 84C841; 84C844.



FEATURES

PCF84CXXXA kernel

• 8-bit CPU, ROM, RAM, I/O in a single 42 leads shrink DIL package

• Over 80 instructions all of 1 or 2 cycles

• 29 quasi-bidirectional standard I/O port lines

• Configuration of I/O lines individually selected by mask

• External interrupt INT/T0

• 2 direct testable inputs T0 and T1

• 8-bit programmable timer/event counter

• 3 single level vectored interrupts (external, timer/counter, I2C-bus)

• Power-on-reset and low voltage detector

• Single power supply

• 2 power reduction modes: Idle and Stop

• Operating temperature range: −20 to +70 °C

• Silicon gate CMOS fabrication process (SAC2).



Derivative features PCA84C640

Although the PCA84C640 is specifically referred to throughout this data sheet, the information applies to all the devices. The small differences between the 84C640 and the other devices are specified in the text and also highlighted in Chapter 6.

The PCA84C640 comprises:

• The PCF84CXXXA processor core

• 6 kbytes mask-programmable program ROM

• 128 bytes RAM

• Multi-master I2C-bus interface

• AFC input for Voltage Synthesized Tuning (VST; with 3-bit DAC and comparator)

• On Screen Display (OSD) facility for two rows of 16-characters

• On Screen Display character set of 64 types

• Four programmable display dot sizes

• Half dot character rounding

• Seven colours for each character

• One 14-bit PWM output for VST

• Five 6-bit PWM outputs for analog controls

• Eight port lines with 10 mA LED drive capability

• 18 general purpose bidirectional I/O lines plus 11 function-combined I/O lines

• 2 direct testable lines

• Programmable VSYNCN and HSYNCN input polarity

• RC oscillator for OSD function.



 




Similar Part No. - 84C44X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
84C44X PHILIPS-84C44X Datasheet
236Kb / 40P
8-bit microcontrollers with OSD and VST
1996 Nov 29
More results


Similar Description - 84C44X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
NXP Semiconductors
PCE84C486 PHILIPS-PCE84C486 Datasheet
168Kb / 36P
Microcontrollers for digital auto-sync and VST TV controller applications
1996 Feb 21
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
8-bit microcontrollers with OSD and VST
1996 Nov 29
logo
Integral Corp.
INA84C640 INTEGRAL-INA84C640 Datasheet
24Kb / 2P
8-BIT MICROCONTROLLERS WITH OCD AND VST
INA84C641 INTEGRAL-INA84C641 Datasheet
89Kb / 2P
8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
NXP Semiconductors
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
logo
KODENSHI_AUK CORP.
KKA84C640ANS KODENSHI-KKA84C640ANS Datasheet
142Kb / 3P
8-BIT MICROCONTROLLERS WITH OCD AND VST
KKA84C641 KODENSHI-KKA84C641 Datasheet
174Kb / 3P
Z8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
8-bit Microcontrollers
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com