Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4OAC15A Datasheet (PDF) - Opto 22

G4OAC15A Datasheet PDF - Opto 22
Part # G4OAC15A
Download  G4OAC15A Download
File Size   206.12 Kbytes
Page   5 Pages
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22
Description G4 Digital AC Output Modules

G4OAC15A Datasheet (PDF)

Go To PDF Page Download Datasheet
G4OAC15A Datasheet PDF - Opto 22

Part # G4OAC15A
Download  G4OAC15A Click to download

File Size   206.12 Kbytes
Page   5 Pages
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22
Description G4 Digital AC Output Modules

G4OAC15A Datasheet (HTML) - Opto 22


G4OAC15A Product details

Features
4000 volts optical isolation (transient)
Built-in LED status indicator
Logic levels of 5, 15, and 24 VDC
Removable fuse
Current rating: 3 amps at 45° C
UL Motor Load rating: 1.5 amps
Ability to withstand one-cycle surge of 80 amps
Operating temperature: -30 °C to 70 °C




Similar Part No. - G4OAC15A

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
G4OAC15A E-OEC-G4OAC15A Datasheet
206Kb / 5P
G4 Digital AC Output Modules
More results


Similar Description - G4OAC15A

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70M-OAC5 GRAYHILL-70M-OAC5 Datasheet
119Kb / 2P
AC Output Modules
logo
National Instruments Co...
NI940X NI-NI940X Datasheet
1Mb / 6P
C Series Digital Output and Relay Modules
logo
Crydom Inc.,
6411 CRYDOM-6411 Datasheet
53Kb / 2P
AC Output Buffered Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9731-154 AVAGO-HEDS-9731-154 Datasheet
119Kb / 6P
Small Optical Encoder Modules 480lpi Digital Output
logo
Opto Electronics Co,. L...
G4OAC5A E-OEC-G4OAC5A Datasheet
206Kb / 5P
G4 Digital AC Output Modules
logo
PHOENIX CONTACT
FLKM4-I PHOENIX-FLKM4-I Datasheet
52Kb / 3P
Modules accept Opto 22 G4 or Grayhill G5 solid state relays
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
Digital Output Small Optical Encoder Modules
logo
CINCON ELECTRONICS Corp...
CFM21 CINCON-CFM21 Datasheet
307Kb / 2P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M CINCON-CFM21M Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM60T CINCON-CFM60T Datasheet
377Kb / 2P
60W TRIPLE OUTPUT AC-DC MODULES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com