Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM3472 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM3472 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM3472
Download  NJM3472 Download
File Size   2080.87 Kbytes
Page   15 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER

NJM3472 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM3472 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM3472
Download  NJM3472 Click to download

File Size   2080.87 Kbytes
Page   15 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER

NJM3472 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM3472 Product details

■FEATURES
●High Slew Rate 10V/μs
●High Bandwidth 3MHz
●High Unity Gain Frequency 3.6MHz
●Input Offset Voltage 5.5mV max.
●Single Supply 3V to 36V
●Operating Temperature Range -40°C to +125°C
●Low input voltage around GND level
●Unity-Gain Stable
●No Phase Reversal
●High EMI Immunity
●Output Short-Circuit Protection
●Operating Current (All amplifiers)
NJM3472 4mA
NJM3474 8mA
●Package
NJM3472 SOP8, SSOP8, MSOP8(VSP8)
NJM3474 SOP14, SSOP14




Similar Part No. - NJM3472

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM3472G NJRC-NJM3472G Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM3472R NJRC-NJM3472R Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM3472V NJRC-NJM3472V Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
More results


Similar Description - NJM3472

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
logo
National Semiconductor ...
LM7131 NSC-LM7131 Datasheet
548Kb / 23P
Tiny High Speed Single Supply Operational Amplifier
logo
New Japan Radio
NJM2742 NJRC-NJM2742 Datasheet
291Kb / 10P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
NJM2744 NJRC-NJM2744 Datasheet
516Kb / 9P
High Speed Single Supply Quad Operational Amplifier
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
LM7131 TI1-LM7131 Datasheet
739Kb / 28P
Tiny High Speed Single Supply Operational Amplifier
logo
New Japan Radio
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com