Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF0956 Datasheet (PDF) - Potens Semiconductor Corp.

PDF0956 Datasheet PDF - Potens Semiconductor Corp.
Part # PDF0956
Download  PDF0956 Download
File Size   462.57 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 100V N-Channel MOSFETs

PDF0956 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDF0956 Datasheet PDF - Potens Semiconductor Corp.

Part # PDF0956
Download  PDF0956 Click to download

File Size   462.57 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 100V N-Channel MOSFETs

PDF0956 Datasheet (HTML) - Potens Semiconductor Corp.


PDF0956 Product details

Features
- 100V,10A , RDS(ON)=115mΩ@VGS=10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available

Applications
- Networking
- Load Switch
- LED applications




Similar Part No. - PDF0956

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDF0959 POTENS-PDF0959 Datasheet
763Kb / 5P
100V P-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDF0956

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD09N66 BWTECH-MSD09N66 Datasheet
586Kb / 6P
100V N-Channel MOSFETs
MSC09N74X BWTECH-MSC09N74X Datasheet
600Kb / 6P
100V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK0906T FS-FTK0906T Datasheet
1,010Kb / 5P
100V N-Channel MOSFETs
FTK0954T FS-FTK0954T Datasheet
876Kb / 5P
100V N-Channel MOSFETs
FTK0966D FS-FTK0966D Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0970P FS-FTK0970P Datasheet
998Kb / 5P
100V N-Channel MOSFETs
FTK0976 FS-FTK0976 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0976F FS-FTK0976F Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0966AD FS-FTK0966AD Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0974DFN56 FS-FTK0974DFN56 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com