Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR-60PB-VF50-N1-R1300 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

WR-60PB-VF50-N1-R1300 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # WR-60PB-VF50-N1-R1300
Download  WR-60PB-VF50-N1-R1300 Download
File Size   82.29 Kbytes
Page   3 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description WR Series (0.5 mm Pitch, Board-to-Board Connector)

WR-60PB-VF50-N1-R1300 Datasheet (PDF)

Go To PDF Page Download Datasheet
WR-60PB-VF50-N1-R1300 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # WR-60PB-VF50-N1-R1300
Download  WR-60PB-VF50-N1-R1300 Click to download

File Size   82.29 Kbytes
Page   3 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description WR Series (0.5 mm Pitch, Board-to-Board Connector)

WR-60PB-VF50-N1-R1300 Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.


WR-60PB-VF50-N1-R1300 Product details

Features
0.5mm pitch, SMT, parallel, 60 pos., Plug, Emboss reel product




Similar Part No. - WR-60PB-VF50-N1-R1300

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
WR-60PB-VF-N1 JAE-WR-60PB-VF-N1 Datasheet
79Kb / 3P
WR Series (0.5 mm Pitch, Board-to-Board Connector)
WR-60PB-VF-N1-R1500 JAE-WR-60PB-VF-N1-R1500 Datasheet
80Kb / 3P
WR Series (0.5 mm Pitch, Board-to-Board Connector)
WR-60PB-VF60-N1 JAE-WR-60PB-VF60-N1 Datasheet
42Kb / 3P
WR Series (0.5 mm Pitch, Board-to-Board Connector)
WR-60PB-VF60-N1-R1200 JAE-WR-60PB-VF60-N1-R1200 Datasheet
42Kb / 3P
WR Series (0.5 mm Pitch, Board-to-Board Connector)
More results


Similar Description - WR-60PB-VF50-N1-R1300

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
Molex Electronics Ltd.
53885-0308 MOLEX11-53885-0308 Datasheet
326Kb / 6P
0.5 BOARD TO BOARD Conn PLUG Hgt=2.5mm
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
JST Mfg. Co., Ltd.
08JQ-BT JST-08JQ-BT Datasheet
125Kb / 2P
JQ CONNECTOR 2.5 mm pitch/Board-to-board connectors
logo
Wurth Elektronik GmbH &...
61201422323 WURTH-61201422323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
61202022323 WURTH-61202022323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
62505022323 WURTH-62505022323 Datasheet
238Kb / 4P
WR-BHD Board-to-Cable Transition Connector
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com