Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM62A32AMLSIAMBQ1 Datasheet (PDF) - Texas Instruments

AM62A32AMLSIAMBQ1 Datasheet PDF - Texas Instruments
Part # AM62A32AMLSIAMBQ1
Download  AM62A32AMLSIAMBQ1 Download
File Size   5170.8 Kbytes
Page   247 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM62Ax Sitara™ Processors

AM62A32AMLSIAMBQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM62A32AMLSIAMBQ1 Datasheet PDF - Texas Instruments

Part # AM62A32AMLSIAMBQ1
Download  AM62A32AMLSIAMBQ1 Click to download

File Size   5170.8 Kbytes
Page   247 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM62Ax Sitara™ Processors

AM62A32AMLSIAMBQ1 Datasheet (HTML) - Texas Instruments


AM62A32AMLSIAMBQ1 Product details

1 Features
Processor Cores:
• Up to Quad 64-bit Arm® Cortex®-A53
microprocessor subsystem at up to 1.4GHz
– Quad-core Cortex-A53 cluster with 512KB L2
shared cache with SECDED ECC
– Each A53 core has 32KB L1 DCache with
SECDED ECC and 32KB L1 ICache with Parity
protection
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated as part of MCU Channel with FFI
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
– 512KB SRAM with SECDED ECC
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated to support Device Management
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
• Deep Learning Accelerator based on Single-core
C7x
– C7x floating point, up to 40 GFLOPS, 256-bit
Vector DSP at 1.0GHz
– Matrix Multiply Accelerator (MMA), up to
2TOPS (8b) at 1.0GHz
– 64KB L1 DCache with SECDED ECC and
32KB L1 ICache with Parity protection
– 1.25MB of L2 SRAM with SECDED ECC
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators:
– 315MPixel/s ISP; Up to 5MP @ 60fps
– Support for 12-bit RGB-IR
– Support for up to 16-bit input RAW format
– Line support up to 4096
– Wide Dynamic Range (WDR), Lens Distortion
Correction (LDC), Vision Imaging Subsystem
(VISS), and Multi-Scalar (MSC) support
• Output color format : 8-bits, 12-bits, and
YUV 4:2:2, YUV 4:2:0, RGB, HSV/HSL
Multimedia:
• Display subsystem
– Single display support
– Up to 2048x1080 @ 60fps
– Up to 165MHz pixel clock support with
independent PLL
– DPI 24-bit RGB parallel interface
– Supports safety features such as freeze frame
detection and MISR data check
• One Camera Serial interface (CSI-2) Receiver with
4-Lane D-PHY
– MIPI® CSI-2 v1.3 Compliant + MIPI D-PHY 1.2
– Support for 1,2,3 or 4 data lane mode up to
2.5Gbps per lane
– ECC verification/correction with CRC check +
ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via
DMA
• Video Encoder/Decoder
– Support for HEVC (H.265) Main profiles at
Level 5.1 High-tier
– Support for H.264 BaseLine/Main/High Profiles
at Level 5.2
– Support for up to 4K UHD resolution
(3840 × 2160)
• Clocking options supporting 240MPixels/s,
120MPixels/s, or 60MPixels/s
• Motion JPEG encode at 416MPixels/s with
resolutions up to 4K UHD (3840 × 2160)
Memory Subsystem:
• Up to 2.29MB of On-chip RAM
– 64KB of On-Chip RAM (OCRAM) with
SECDED ECC, can be divided into smaller
banks in increments of 32KB for as many as
2 separate memory banks
– 256KB of On-Chip RAM with SECDED ECC in
SMS Subsystem
– 176KB of On-Chip RAM with SECDED ECC in
SMS Subsystem for TI security firmware
– 512KB of On-chip RAM with SECDED ECC in
Cortex-R5F MCU Subsystem
– 64KB of On-chip RAM with SECDED ECC in
Device/Power Manager Subsystem
– 1.25MB of L2 SRAM with SECDED ECC in C7x
Deep Learning Accelerator
• DDR Subsystem (DDRSS)
– Supports LPDDR4
– 32-bit data bus with inline ECC
– Supports speeds up to 3733MT/s
– Max addressable range of 8GBytes
Functional Safety:
• Functional Safety-Compliant targeted [Industrial]
– Developed for functional safety applications
– Documentation will be available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL 3 targeted
– Hardware Integrity up to SIL 2 targeted
– Safety-related certification
• IEC 61508 by TÜV SÜD planned
• Functional Safety-Compliant targeted [Automotive]
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL D targeted
– Hardware integrity up to ASIL B targeted
– Safety-related certification
• ISO 26262 by TÜV SÜD planned
• AEC - Q100 qualified [Automotive]
Security:
• Secure boot supported
– Hardware-enforced Root-of-Trust (RoT)
– Support to switch RoT via backup key
– Support for takeover protection, IP protection,
and anti-roll back protection
• Trusted Execution Environment (TEE) supported
– Arm TrustZone® based TEE
– Extensive firewall support for isolation
– Secure watchdog/timer/IPC
– Secure storage support
– Replay Protected Memory Block (RPMB)
support
• Dedicated Security Controller with user
programmable HSM core and dedicated security
DMA & IPC subsystem for isolated processing
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
• Supports cryptographic cores
– AES – 128-/192-/256-Bit key sizes
– SHA2 – 224-/256-/384-/512-Bit key sizes
– DRBG with true random number generator
– PKA (Public Key Accelerator) to Assist in
RSA/ECC processing for secure boot
• Debugging security
– Secure software controlled debug access
– Security aware debugging
High-Speed Interfaces:
• Integrated Ethernet switch supporting (total 2
external ports)
– RMII(10/100) or RGMII (10/100/1000)
– IEEE1588 (Annex D, Annex E, Annex F with
802.1AS PTP)
– Clause 45 MDIO PHY management
– Packet Classifier based on ALE engine with
512 classifiers
– Priority based flow control
– Time Sensitive Networking (TSN) support
– Four CPU H/W interrupt Pacing
– IP/UDP/TCP checksum offload in hardware
• Two USB2.0 Ports
– Port configurable as USB host, USB peripheral,
or USB Dual-Role Device (DRD mode)
– Integrated USB VBUS detection
General Connectivity:
• 9x Universal Asynchronous Receiver-Transmitters
(UART)
• 5x Serial Peripheral Interface (SPI) controllers
• 6x Inter-Integrated Circuit (I2C) ports
• 3x Multichannel Audio Serial Ports (McASP)
– Transmit and Receive Clocks up to 50MHz
– Up to 4/6/16 Serial Data Pins across 3x McASP
with Independent TX and RX Clocks
– Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S), and Similar Formats
– Supports Digital Audio Interface Transmission
(SPDIF, IEC60958-1, and AES-3 Formats)
– FIFO Buffers for Transmit and Receive (256
Bytes)
– Support for audio reference output clock
• 3x enhanced PWM modules (ePWM)
• 3x enhanced Quadrature Encoder Pulse modules
(eQEP)
• 3x enhanced Capture modules (eCAP)
• General-Purpose I/O (GPIO), All LVCMOS I/O can
be configured as GPIO
• 3x Controller Area Network (CAN) modules with
CAN-FD support
– Conforms w/ CAN Protocol 2.0 A, B and ISO
11898-1
– Full CAN FD support (up to 64 data bytes)
– Parity/ECC check for Message RAM
– Speed up to 8Mbps
Media and Data Storage:
• 3x Multi-Media Card/Secure Digital® (MMC/SD®/
SDIO) interface
– 1x 8-bit eMMC interface up to HS200 speed
– 2x 4-bit SD/SDIO interface up to UHS-I
– Compliant with eMMC 5.1, SD 3.0, and SDIO
Version 3.0
• 1× General-Purpose Memory Controller (GPMC)
up to 133MHz
– Flexible 8- and 16-bit Asynchronous Memory
Interface with up to four Chip (22-bit address)
Selects (NAND, NOR, Muxed-NOR, and
SRAM)
– Uses BCH code to support 4-, 8-, or 16-bit ECC
– Uses Hamming code to support 1-bit ECC
– Error Locator Module (ELM)
• Used with the GPMC to locate addresses
of data errors from syndrome polynomials
generated using a BCH algorithm
• Supports 4-, 8-, and 16-bit per 512-
Byte block error location based on BCH
algorithms
• OSPI/QSPI with DDR / SDR support
– Support for Serial NAND and Serial NOR Flash
devices
– 4GBytes memory address support
– XIP mode with optional on-the-fly encryption
Power Management:
• Low-power modes supported by Device/Power
Manager
– Partial IO support for CAN/GPIO/UART wakeup
– DeepSleep : I/O + DDR (suspend to RAM)
– DeepSleep
– MCU Only
– Standby
– Dynamic frequency scaling for Cortex-A53
Boot Options:
• UART
• I2C EEPROM
• OSPI/QSPI Flash
• GPMC NOR/NAND Flash
• Serial NAND Flash
• SD Card
• eMMC
• USB (host) boot from Mass Storage device
• USB (device) boot from external host (DFU mode)
• Ethernet
Technology / Package:
• 16-nm FinFET technology
• 18mm x 18mm, 0.8mm pitch full-array, 484-pin
FCBGA (AMB)
• 18mm x 18mm, 0.8mm pitch full-array, 484-pin
FCCSP (ANF)

2 Applications
• Driver Monitoring System (DMS) / Occupancy Monitoring System (OMS)
• eMirror/Camera Mirror System (CMS)
• Machine Vision Camera
• Barcode scanner
• Front camera system
• Stick up camera / Video doorbell
• Autonomous Mobile Robots (AMR)

3 Description
AM62Ax is an extension of the Sitara™ automotive-grade family of heterogeneous Arm® processors with
embedded Deep Learning (DL), Video and Vision Processing acceleration, display interface and extensive
automotive peripheral and networking options. AM62Ax is built for a set of cost-sensitive automotive applications
including driver and in-cabin monitoring systems, next generation of eMirror system, as well as a broad set
of industrial applications in Factory Automation, Building Automation, Robotics, and other markets. The cost
optimized AM62Ax provides high-performance compute for both traditional and deep learning algorithms at
industry leading power/performance ratios with a high level of system integration to enable scalability and lower
costs for advanced automotive platforms supporting multiple sensor modalities in stand-alone Electronic Control
Units (ECUs).
AM62Ax contains up to four Arm® Cortex®-A53 cores with 64-bit architecture, a Vision Processing Accelerator
(VPAC) with Image Signal Processor (ISP) and multiple vision assist accelerators, Deep Learning (DL) and video
accelerators, a Cortex®-R5F MCU Channel core and a Cortex®-R5F Device Management core. The Cortex-
A53s provide the powerful computing elements necessary for Linux applications as well as the implementation of
traditional vision computing based-algorithms such as driver monitoring. Building on the existing world-class ISP,
TI’s 7th generation ISP includes flexibility to process a broader sensor suite including RGB-InfraRed (RGB-IR),
support for higher bit depth, and features targeting analytics applications. Key cores include the next generation
C7000™ DSP from Texas Instruments (“C7x”) with scalar and vector cores, dedicated “MMA” deep learning
accelerator enabling performance up to 2 TOPS within the lowest power envelope in the industry when operating
at the typical automotive worst case junction temperature of 125°C.
The 3-port Gigabit Ethernet switch has one internal port and two external ports with TSN support and can be
used to enable industrial networking options. In addition, an extensive peripherals set is included in AM62Ax
to enable system level connectivity such as USB, MMC/SD, Camera interface, OSPI, CAN-FD and GPMC for
parallel host interface to an external ASIC/FPGA. AM62Ax supports secure boot for IP protection with the built-in
HSM (Hardware Security Module) and also employs advanced power management support for portable and
power-sensitive applications.




Similar Part No. - AM62A32AMLSIAMBQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM62A32AMLSIAMBQ1 TI-AM62A32AMLSIAMBQ1 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM62A32AMLSIAMBQ1 TI1-AM62A32AMLSIAMBQ1 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM62A32AMLSIAMBQ1 TI1-AM62A32AMLSIAMBQ1 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
AUGUST 2023
AM62A32AMLSIAMBQ1 TI1-AM62A32AMLSIAMBQ1 Datasheet
4Mb / 237P
AM62Ax Sitara™ Processors
AUGUST 2023
AM62A32AMLSIAMBQ1 TI1-AM62A32AMLSIAMBQ1 Datasheet
4Mb / 248P
AM62Ax Sitara™ Processors
JANUARY 2025
More results


Similar Description - AM62A32AMLSIAMBQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AM6442 TI-AM6442_V02 Datasheet
5Mb / 244P
AM64x Sitara™ Processors
REVISED JULY 2022
AM6442 TI-AM6442_V03 Datasheet
6Mb / 260P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
AM625 TI-AM625_V02 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI-AM62A7 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM625 TI-AM625_V04 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI1-AM625_V05 Datasheet
5Mb / 259P
AM62x Sitara™ Processors
REVISED JUNE 2023
AM62A7 TI1-AM62A7_V01 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM6442 TI1-AM6442_V04 Datasheet
6Mb / 263P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com