Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSDM65295T Datasheet (PDF) - Texas Instruments

CSDM65295T Datasheet PDF - Texas Instruments
Part # CSDM65295T
Download  CSDM65295T Download
File Size   463.94 Kbytes
Page   5 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSDM65295x Dual-Phase Buck Smart Power Stage Module

CSDM65295T Datasheet (PDF)

Go To PDF Page Download Datasheet
CSDM65295T Datasheet PDF - Texas Instruments

Part # CSDM65295T
Download  CSDM65295T Click to download

File Size   463.94 Kbytes
Page   5 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSDM65295x Dual-Phase Buck Smart Power Stage Module

CSDM65295T Datasheet (HTML) - Texas Instruments


CSDM65295T Product details

1 Features
• Topside-cooled 9 mm x 10 mm x 5 mm LGA
package, industry common footprint
• Integrated inductor
• High output current capability:
– Peak current: 180A
– Continuous current: 130A RMS
– (Subject to thermal boundary condition)
• Operating VIN input voltage: 4.5V to 16V
• Operating VDD Bias: 4.5V to 5.5V
• High-frequency operation (up to 2MHz)
• Integrated clamping circuitry for avalanche free
operation
• Temperature compensated bi-directional current
sense with current mode reporting (5μA/A)
• Body braking mode (BB)
• Forced continuous conduction mode (FCCM)
operation
• Green, RoHS compliant without exemption, and
completely Pb free
• Fault detection
– High-side short (HSS)
• Fault protection
– Over temperature (OT)
– Cycle-by-cycle negative over current limiting
(NOC)
– Over current protection (OCP)
– BOOT UVLO

2 Applications
• Data center and enterprise computing rack server
• Hardware accelerator
• Network interface card (NIC)
• ASIC and high performance client
• ASIC power for networking and communications
• High phase count buck regulator solutions

3 Description
The CSDM65295x family of devices are 2-phase
smart power stage modules with high peak
current capability. The device family is highly
optimized design for use in high-power, high-density
synchronous buck converter applications. This
product family integrates the driver IC and power
MOSFETs into one Pb-free monolithic design to
complete the power stage switching function. There
are VIN and VDD bypass capacitors integrated
into the package for minimum loop inductance and
improved ringing.
This combination produces high-current, highefficiency,
and high-speed switching capability in a
small industry standard 9mm × 10mm × 5 mm
footprint.
CSDM65295x integrates accurate current sensing
and temperature sensing functionality to simplify
system design and improve accuracy. This power
stage module also includes cycle-by-cycle current
limiting, over temperature and short circuit protection,
and is designed to be compatible with TPS537xx
series controllers.




Similar Part No. - CSDM65295T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSDM65695 TI2-CSDM65695 Datasheet
472Kb / 3P
CSDM65695x Quad-Phase Buck Smart Power Stage Module
MARCH 2026
CSDM65695T TI2-CSDM65695T Datasheet
472Kb / 3P
CSDM65695x Quad-Phase Buck Smart Power Stage Module
MARCH 2026
CSDM65695X TI2-CSDM65695X Datasheet
472Kb / 3P
CSDM65695x Quad-Phase Buck Smart Power Stage Module
MARCH 2026
More results


Similar Description - CSDM65295T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95378BQ5MC TI-CSD95378BQ5MC_15 Datasheet
802Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
Synchronous Buck NexFET Smart Power Stage
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95490Q5MC TI1-CSD95490Q5MC Datasheet
766Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95480RWJ TI1-CSD95480RWJ Datasheet
816Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com