Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX3112 Datasheet (PDF) - Renesas Technology Corp

IMX3112 Datasheet PDF - Renesas Technology Corp
Part # IMX3112
Download  IMX3112 Download
File Size   116.71 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description I3C Basic 1:2 Bus Multiplexer

IMX3112 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX3112 Datasheet PDF - Renesas Technology Corp

Part # IMX3112
Download  IMX3112 Click to download

File Size   116.71 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description I3C Basic 1:2 Bus Multiplexer

IMX3112 Datasheet (HTML) - Renesas Technology Corp


IMX3112 Product details

• 1:2 bus multiplexer
• Two-wire programmable I²C or I3C bus serial interface
• Single device load on the Host bus
• Up to 12.5MHz transfer rate
• Single 1.8V power supply input
• 1.0V VLDO output at VIO pin
• Supports 1.0V, 1.1V, and 1.2V Push-Pull IO levels
• Supports 1.0V, 1.1V, 1.2V, 1.8V, 2.5V, and 3.3V
open-drain IO levels
• Integrated Temperature Sensor; 0.5°C accuracy
with 0.25°C resolution
• Packet Error Check (PEC) function
• Parity Error Check function
• Bus reset function
• In-band Interrupt (IBI)
• Up to 8 unique addressing
• Programmable I²C, I3C bus addressing scheme
• 9-pin thermally enhanced DFN package
• Temperature: Industrial range of -40 °C to 125°C




Similar Part No. - IMX3112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IMX3102 RENESAS-IMX3102 Datasheet
106Kb / 2P
I3C Basic 2:1 Bus Multiplexer
Feb.27.20
More results


Similar Description - IMX3112

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
2:1 Multiplexer
February, 2000 ??Rev. 1
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
logo
Diodes Incorporated
PI3CSW12 DIODES-PI3CSW12 Datasheet
1Mb / 12P
High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
March 2021 Rev 4-2
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com