Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8513AV Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM8513AV Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM8513AV
Download  NJM8513AV Download
File Size   1741.26 Kbytes
Page   14 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Precision, JFET Input Operational Amplifier

NJM8513AV Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM8513AV Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM8513AV
Download  NJM8513AV Click to download

File Size   1741.26 Kbytes
Page   14 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Precision, JFET Input Operational Amplifier

NJM8513AV Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM8513AV Product details

■ FEATURES
●Low Input Offset Voltage VIO=400μV max.
VIO=700μV max.
(Ta= -40°C to +125°C)
●Low Input Offset Voltage Drift ΔVIO/ΔT=5μV/°C max.
(Ta= -40°C to +125°C)
●Low Supply Current Icc=1.3mA /ch typ.
●High Slew Rate SR=20V/μs typ.
●Wide Bandwidth ft=7MHz typ.
●Low Noise en=10nV/Hz typ. (at f=1kHz )
●Low Input Bias Current IB=80pA max. (at Ta=25°C)
●No Phase Reversal
●RF noise Immunity
●Guaranteed Temperature Topr= -40°C to +125°C
●Operating Voltage Vopr=±4.5V to ±16V
●Package
NJM8512 MSOP8 (VSP8)
meet JEDEC MO-187-DA
SOP8 JEDEC 150 mil
NJM8513 SSOP14




Similar Part No. - NJM8513AV

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
Precision, JFET Input Operational Amplifier
More results


Similar Description - NJM8513AV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-215 AD-OP-215 Datasheet
393Kb / 8P
DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
8MHz, Precision, JFET Input Operational Amplifier
November 2004
logo
Analog Devices
OP215 AD-OP215 Datasheet
162Kb / 8P
Dual Precision JFET-Input Operational Amplifier
4/02-REV.A
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
8MHz, Precision, JFET Input Operational Amplifier
logo
Analog Devices
OP215GS AD-OP215GS Datasheet
145Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_15 Datasheet
163Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
Precision, JFET Input Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
Dual Precision JFET-Input Operational Amplifier
23-Aug-2017
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
8MHz, Precision, JFET Input Operational Amplifier
November 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com