Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50A Datasheet (PDF) - Amphenol Industrial Products Group.

50A Datasheet PDF - Amphenol Industrial Products Group.
Part # 50A
Download  50A Download
File Size   815.97 Kbytes
Page   2 Pages
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.
Description For Your High Power and Data Transmission

50A Datasheet (PDF)

Go To PDF Page Download Datasheet
50A Datasheet PDF - Amphenol Industrial Products Group.

Part # 50A
Download  50A Click to download

File Size   815.97 Kbytes
Page   2 Pages
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.
Description For Your High Power and Data Transmission

50A Datasheet (HTML) - Amphenol Industrial Products Group.


50A Product details

Key Features
Robust, High Density Terminal Design (Crown Spring Terminal)
Current Rating Up To 50A
Hybrid Type
AC / DC Applications
UL 94V-0 Rated Material
UV Resistant
3 Points Lock Bayonet Mating Style

General Characteristics
Current Rating
Power: 50A
Signal: 2A
Plastic Material
UL94V-0, UL746C f1 UL Recognized
Voltage Rating
Power: 600V AC/DC
Signal: 30V AC/DC
Operation
Temperature
-40˚C ~ 105˚C
Waterproof
Rating
Receptacle: IP67 (Mated) Field Installable: IP67 (Mated)
Contact
Resistant
Less than 10mΩ.
Recommended
Gauge
Power: 8 AWG
Signal: 20 ~ 22 AWG
Locking Mechanism
3 Points Lock Bayonet
Durability
1,000 Cycles




Similar Part No. - 50A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
50A YANGJIE-50A Datasheet
264Kb / 2P
SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
50A SHUNYE-50A Datasheet
186Kb / 2P
SOZA CELL
logo
Sanyo Semicon Device
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
71Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
More results


Similar Description - 50A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2917Q SONY-CXD2917Q Datasheet
143Kb / 8P
DIGITAL AUDIO DATA MODULATION AND TRANSMISSION
logo
List of Unclassifed Man...
9182NH ETC2-9182NH Datasheet
52Kb / 2P
Twinaxial instrumentation and computer cable for data transmission applications
logo
IXYS Corporation
NCD1015M IXYS-NCD1015M Datasheet
347Kb / 13P
Sequential Power & Data Transmission (HDX)
logo
PHOENIX CONTACT
2706755 PHOENIX-2706755 Datasheet
144Kb / 8P
Gold contacts for data transmission and power supply (125 V, 8 A)
2706768 PHOENIX-2706768 Datasheet
142Kb / 8P
Gold contacts for data transmission and power supply (125 V, 8 A)
2713023 PHOENIX-2713023 Datasheet
141Kb / 7P
Gold contacts for data transmission and power supply (125 V, 8 A)
2735564 PHOENIX-2735564 Datasheet
126Kb / 9P
Gold contacts for data transmission and power supply (125 V, 8 A)
2735580 PHOENIX-2735580 Datasheet
162Kb / 11P
Gold contacts for data transmission and power supply (125 V, 8 A)
2909905 PHOENIX-2909905 Datasheet
78Kb / 5P
Gold contacts for data transmission and power supply (125 V, 8 A)
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
Inline terminal for serial data transmission
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com