Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1308-Q1 Datasheet (PDF) - Texas Instruments

TMUX1308-Q1 Datasheet PDF - Texas Instruments
Part # TMUX1308-Q1
Download  TMUX1308-Q1 Download
File Size   2941.32 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX13xx-Q1 Automotive 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control

TMUX1308-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX1308-Q1 Datasheet PDF - Texas Instruments

Part # TMUX1308-Q1
Download  TMUX1308-Q1 Click to download

File Size   2941.32 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX13xx-Q1 Automotive 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control

TMUX1308-Q1 Datasheet (HTML) - Texas Instruments


TMUX1308-Q1 Product details

1 Features
• AEC-Q100 Qualified for Automotive Applications
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature
• Injection current control
• Back-powering protection
– No ESD diode path to VDD
• Wide supply range: 1.62V to 5.5V
• Low capacitance
• Bidirectional signal path
• Rail-to-rail operation
• 1.8V logic compatible
• Fail-safe logic
• Break-before-make switching
• Short-to-Battery Protection
• Functional Safety-Capable
– Documentation Available to Aid Functional
Safety System Design
• TMUX1308-Q1 – pin compatible with:
– Industry standard 4051 and 4851 multiplexers
• TMUX1309-Q1 – pin compatible with:
– Industry standard 4052 and 4852 multiplexers

2 Applications
• Analog and digital multiplexing and demultiplexing
• Diagnostics and monitoring
• Robotics
• Zonal Architecture
• Body control modules
• Battery management systems (BMS)
• HVAC control module
• Automotive head unit
• Telematics
• On-board (OBC) and wireless charging

3 Description
The TMUX1308-Q1 and TMUX1309-Q1 are general
purpose complementary metal-oxide semiconductor
(CMOS) multiplexers (MUX). The TMUX1308-Q1 is
an 8:1, 1-channel (single-ended) mux, while the
TMUX1309-Q1 is a 4:1, 2-channel (differential) mux.
The devices support bidirectional analog and digital
signals on the source (Sx) and drain (Dx) pins ranging
from GND to VDD.
The TMUX13xx-Q1 devices have an internal injection
current control feature which eliminates the need for
external diode and resistor networks typically used to
protect the switch and keep the input signals within
the supply voltage. The internal injection current
control circuitry allows signals on disabled signal
paths to exceed the supply voltage without affecting
the signal of the enabled signal path. Additionally, the
TMUX13xx-Q1 devices do not have an internal diode
path to the supply pin, which eliminates the risk of
damaging components connected to the supply pin or
providing unintended power to the supply rail.
All logic inputs have 1.8V logic compatible thresholds,
ensuring both TTL and CMOS logic compatibility
when operating with a valid supply voltage. Fail-Safe
Logic circuitry allows voltages on the control pins to
be applied before the supply pin, protecting the device
from potential damage.




Similar Part No. - TMUX1308-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1308-Q1 TI1-TMUX1308-Q1 Datasheet
1Mb / 36P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI1-TMUX1308-Q1 Datasheet
1Mb / 37P
TMUX130x 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI1-TMUX1308-Q1 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
More results


Similar Description - TMUX1308-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1308-Q1 TI1-TMUX1308-Q1 Datasheet
1Mb / 36P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 37P
TMUX130x 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI1-TMUX1308-Q1_V01 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308_V01 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V02 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308_V02 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V03 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com