Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAP5-50VA2A3S2N3 Datasheet (PDF) - APEM

PHAP5-50VA2A3S2N3 Datasheet PDF - APEM
Part # PHAP5-50VA2A3S2N3
Download  PHAP5-50VA2A3S2N3 Download
File Size   1557.29 Kbytes
Page   5 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Tact switches • 12 x 12 mm standard package

PHAP5-50VA2A3S2N3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHAP5-50VA2A3S2N3 Datasheet PDF - APEM

Part # PHAP5-50VA2A3S2N3
Download  PHAP5-50VA2A3S2N3 Click to download

File Size   1557.29 Kbytes
Page   5 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Tact switches • 12 x 12 mm standard package

PHAP5-50VA2A3S2N3 Datasheet (HTML) - APEM


PHAP5-50VA2A3S2N3 Product details

DISTINCTIVE FEATURES

Positive tactile feed back
Through hole or SMT
Square or round coloured cap options




Similar Part No. - PHAP5-50VA2A3S2N3

ManufacturerPart #DatasheetDescription
logo
APEM
PHAP5-10 APEM-PHAP5-10 Datasheet
1Mb / 4P
Tact switches • 3.5 x 6 mm standard package
PHAP5-10RA2A2S2N2 APEM-PHAP5-10RA2A2S2N2 Datasheet
1Mb / 4P
Tact switches • 3.5 x 6 mm standard package
PHAP5-10RA2A2S2N3 APEM-PHAP5-10RA2A2S2N3 Datasheet
1Mb / 4P
Tact switches • 3.5 x 6 mm standard package
PHAP5-10RA2A2S2N4 APEM-PHAP5-10RA2A2S2N4 Datasheet
1Mb / 4P
Tact switches • 3.5 x 6 mm standard package
PHAP5-10RA2A2T2N2 APEM-PHAP5-10RA2A2T2N2 Datasheet
1Mb / 4P
Tact switches • 3.5 x 6 mm standard package
More results


Similar Description - PHAP5-50VA2A3S2N3

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
12 mm Tact Switches
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
Standard 12 x 12 mm Tactile Switches
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
12 x 12 mm Washable Halogen-Free Tactile Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
12 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
4,5 mm Tact Switches
logo
ITT Industries
PTS125SM43 ITT-PTS125SM43 Datasheet
86Kb / 3P
PTS125 Series 12 mm Tact Switches
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
12 mm Tact Switches
2022
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
12 mm Tact Switches
14 Nov 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com