Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS128A Datasheet (PDF) - RAMXEED LIMITED

MB85RS128A Datasheet PDF - RAMXEED LIMITED
Part # MB85RS128A
Download  MB85RS128A Download
File Size   1285.34 Kbytes
Page   32 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 128K (16 K × 8) Bit SPI

MB85RS128A Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RS128A Datasheet PDF - RAMXEED LIMITED

Part # MB85RS128A
Download  MB85RS128A Click to download

File Size   1285.34 Kbytes
Page   32 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 128K (16 K × 8) Bit SPI

MB85RS128A Datasheet (HTML) - RAMXEED LIMITED


MB85RS128A Product details

DESCRIPTION
MB85RS128A is a FRAM (Ferroelectric Random Access Memory) chip in a configuration of 16,384
words × 8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
MB85RS128A adopts the Serial Peripheral Interface (SPI).
The MB85RS128A is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS128A can be used for 1012 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS128A does not take long time to write data like Flash memories or E2PROM, and MB85RS128A
takes no wait time.
FEATURES
• Bit configuration : 16,384 words × 8 bits
• Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Operating frequency : 25 MHz (Max)
• High endurance : 1012 times / byte
• Data retention : 10 years (+55 °C), 55 years (+35 °C)
• Operating power supply voltage : 3.0 V to 3.6 V
• Low power consumption : Operating power supply current 5 mA (Typ @25 MHz)
Standby current 9 μA (Typ)
• Operation ambient temperature range : − 40 °C to + 85 °C
• Package : 8-pin plastic SOP (FPT-8P-M02)
RoHS compliant




Similar Part No. - MB85RS128A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
More results


Similar Description - MB85RS128A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com