Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM150 Datasheet (PDF) - STMicroelectronics

LM150 Datasheet PDF - STMicroelectronics
Part # LM150
Download  LM150 Download
File Size   103.29 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS

LM150 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM150 Datasheet PDF - STMicroelectronics

Part # LM150
Download  LM150 Click to download

File Size   103.29 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS

LM150 Datasheet (HTML) - STMicroelectronics


LM150 Product details

. GUARANTEED 3A OUTPUT CURRENT

. ADJUSTABLE OUTPUT DOWN TO 1.2V

. LINE REGULATION TYPICALLY 0.005% /V

. LOAD REGULATION TYPICALLY 0.1%

. GUARANTEED THERMAL REGULATION

. CURRENT LIMIT CONSTANT WITH TEM PERATURE

. STANDARD 3-LEAD TRANSISTOR PACKAGE



 




Similar Part No. - LM150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
3-Amp Adjustable Regulators
logo
Seme LAB
LM150 SEME-LAB-LM150 Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM150 SEMTECH_ELEC-LM150 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM150 TI-LM150 Datasheet
2Mb / 21P
LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM150 TI1-LM150 Datasheet
2Mb / 21P
3-Amp Adjustable Regulators
More results


Similar Description - LM150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
LM138 STMICROELECTRONICS-LM138_08 Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
LM323 STMICROELECTRONICS-LM323_08 Datasheet
725Kb / 15P
Three-terminal 3 A adjustable voltage regulators
12-Feb-2008
LM350 STMICROELECTRONICS-LM350_08 Datasheet
586Kb / 14P
Three-terminal 3 A adjustable voltage regulators
11-Feb-2008
LM138K STMICROELECTRONICS-LM138K Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com