Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

237A Datasheet (PDF) - TUK Ltd

237A Datasheet PDF - TUK Ltd
Part # 237A
Download  237A Download
File Size   182.87 Kbytes
Page   1 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description 237A type 10 pair disconnection strip

237A Datasheet (PDF)

Go To PDF Page Download Datasheet
237A Datasheet PDF - TUK Ltd

Part # 237A
Download  237A Click to download

File Size   182.87 Kbytes
Page   1 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description 237A type 10 pair disconnection strip

237A Datasheet (HTML) - TUK Ltd


237A Product details

Features
 Fully compatible with industry standard back mount frames, insertion tools, connection boxes,
 UK OFTEL approved
 Industry standard LSA+ type contacts
 ISO 9001 approved manufacturing




Similar Part No. - 237A

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
237 CAMPBELL-237 Datasheet
422Kb / 2P
Leaf Wetness Sensor
01/20/2021
logo
Keystone Electronics Co...
237 KEYSTONE-237 Datasheet
538Kb / 1P
9 VOLT STRAPS
31-07 20th
logo
Glenair, Inc.
237-033 GLENAIR-237-033 Datasheet
284Kb / 2P
Jam Nut Mount Hermetic with Double O-Rings
237-051 GLENAIR-237-051 Datasheet
273Kb / 2P
Special Narrow Square Flange Mount Receptacle
237-063 GLENAIR-237-063 Datasheet
286Kb / 2P
Special Hermetic Jam Nut Mount Receptacle
More results


Similar Description - 237A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K7L-AT50D OMRON-K7L-AT50D Datasheet
468Kb / 10P
Liquid Leakage Sensor Amplifier with Disconnection Detection Function
logo
Texas Instruments
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
logo
Alpha Wire
6368 ALPHAWIRE-6368 Datasheet
77Kb / 2P
Component 1 10 X 1 PAIR
logo
Japan Aviation Electron...
PF-CF JAE-PF-CF Datasheet
170Kb / 4P
Push-Pull, Easy Disconnection type
logo
STMicroelectronics
IPS161H STMICROELECTRONICS-IPS161H Datasheet
793Kb / 25P
Ground disconnection protection
04-Oct-2016
logo
Shenzhen Huazhimei Semi...
HM4412T HMSEMI-HM4412T Datasheet
3Mb / 14P
130mW differential input with disconnection funtion
logo
PHOENIX CONTACT
1846441 PHOENIX-1846441 Datasheet
88Kb / 5P
Base strip - MDSTB 2,5/10-G
logo
Belden Inc.
70038 BELDEN-70038 Datasheet
185Kb / 2P
AUDIO ANALOG 10 PAIR 26AWG, PVC
12-20-2022
70039 BELDEN-70039 Datasheet
185Kb / 2P
AUDIO ANALOG 10 PAIR, 26AWG, LSZH
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com