Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAP5-30VA2K Datasheet (PDF) - APEM

PHAP5-30VA2K Datasheet PDF - APEM
Part # PHAP5-30VA2K
Download  PHAP5-30VA2K Download
File Size   1932.45 Kbytes
Page   5 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Tact switches • 6 x 6 mm standard package

PHAP5-30VA2K Datasheet (PDF)

Go To PDF Page Download Datasheet
PHAP5-30VA2K Datasheet PDF - APEM

Part # PHAP5-30VA2K
Download  PHAP5-30VA2K Click to download

File Size   1932.45 Kbytes
Page   5 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Tact switches • 6 x 6 mm standard package

PHAP5-30VA2K Datasheet (HTML) - APEM


PHAP5-30VA2K Product details

DISTINCTIVE FEATURES
Compact size
Positive tactile feed back
Through-hole or SMT




Similar Part No. - PHAP5-30VA2K

ManufacturerPart #DatasheetDescription
logo
APEM
PHAP5-30VA2K APEM-PHAP5-30VA2K Datasheet
1Mb / 5P
Tact switches • 12 x 12 mm standard package
More results


Similar Description - PHAP5-30VA2K

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
6 mm Tact Switches
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
C&K Components
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
6 mm Tact Switches
PTS645VH15LFS CK-COMPONENTS-PTS645VH15LFS Datasheet
492Kb / 4P
6 mm Tact Switches
logo
Wurth Elektronik GmbH &...
430773051825 WURTH-430773051825 Datasheet
363Kb / 5P
6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
430783051816 WURTH-430783051816 Datasheet
363Kb / 5P
6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
430773034825 WURTH-430773034825 Datasheet
362Kb / 5P
6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
logo
C&K Components
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
6 mm Tact Switches
14 Nov 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com