Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5025CGQV Datasheet (PDF) - Monolithic Power Systems

MP5025CGQV Datasheet PDF - Monolithic Power Systems
Part # MP5025CGQV
Download  MP5025CGQV Download
File Size   1488.95 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 15A, 3mΩ RDS_ON, Hot-Swap Protection Device with Current Monitoring

MP5025CGQV Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5025CGQV Datasheet PDF - Monolithic Power Systems

Part # MP5025CGQV
Download  MP5025CGQV Click to download

File Size   1488.95 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 15A, 3mΩ RDS_ON, Hot-Swap Protection Device with Current Monitoring

MP5025CGQV Datasheet (HTML) - Monolithic Power Systems


MP5025CGQV Product details

DESCRIPTION
The MP5025C is a hot-swap protection device designed to protect circuitry on its output from transients on its input. The MP5025C also protects its input from unwanted shorts and transients coming from its output.
During start-up, inrush current is limited by the slew rate at the output. The slew rate is controlled by an external capacitor at SS.
The maximum load at the output is currentlimited through sense FET topology. The magnitude of the current limit is controlled by a low-power resistor from ISET to ground.
An internal charge pump drives the gate of the power device, allowing a power FET with a very low on resistance of 3mΩ to turn on.
The MP5025C includes an IMON option that produces a voltage proportional to the current through the power device set by a resistor from IMON to ground.
Full protection features includes current limit, thermal shutdown, damaged MOSFET detection, over-voltage protection (OVP), and under-voltage protection (UVP).
The MP5025C is available in a QFN-22 (3mmx5mm) package.

FEATURES
• 4.5V to 16V Operating Input Range
• Integrated 3mΩ Power FET
• Adjustable Current Limit
• Output Current Measurement
• ±3% Current Monitor Accuracy (6A < Io < 15A)
• Fast Response (<200ns) for Short Protection
• PG Detector and FLTB Indication
• PG Assert Low at VIN = 0
• Input-to-Output Short-Circuit Detection
• External Soft Start
• Programmable LOADEN Blanking Time
• Configurable Over-Voltage Lockouts with Hysteresis
• Under-Voltage Lockout (UVLO)
• Thermal Protection
• Available in a Small QFN-22 (3mmx5mm) Package

APPLICATIONS
• Hot Swap
• PC Cards
• Disk Drives
• Servers
• Networking
• Laptops




Similar Part No. - MP5025CGQV

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP502 MCC-MP502 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP502 MCC-MP502 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP502 LRC-MP502 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP502 SHUNYE-MP502 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
MP502 SHUNYE-MP502 Datasheet
164Kb / 2P
PRESS-FIT MOTOROLA DIODES
More results


Similar Description - MP5025CGQV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4282 LINER-LTC4282 Datasheet
1Mb / 18P
High Current Hot Swap Controller with I2C Compatible Monitoring
logo
Monolithic Power System...
MP5021 MPS-MP5021 Datasheet
966Kb / 19P
12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5021B MPS-MP5021B Datasheet
1Mb / 21P
12 V, 7 mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com