Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

703571 Datasheet (PDF) - JUMO UK LTD

703571 Datasheet PDF - JUMO UK LTD
Part # 703571
Download  703571 Download
File Size   1260.63 Kbytes
Page   23 Pages
Manufacturer  JUMOUKLTD [JUMO UK LTD]
Direct Link  https://www.jumo.co.uk/
Logo JUMOUKLTD - JUMO UK LTD
Description JUMO DICON touch Two/four-channel process and program controller with paperless recorder and touchscreen

703571 Datasheet (PDF)

Go To PDF Page Download Datasheet
703571 Datasheet PDF - JUMO UK LTD

Part # 703571
Download  703571 Click to download

File Size   1260.63 Kbytes
Page   23 Pages
Manufacturer  JUMOUKLTD [JUMO UK LTD]
Direct Link  https://www.jumo.co.uk/
Logo JUMOUKLTD - JUMO UK LTD
Description JUMO DICON touch Two/four-channel process and program controller with paperless recorder and touchscreen

703571 Datasheet (HTML) - JUMO UK LTD


703571 Product details

Brief description
The DICON touch is a universal process and program controller with 4 control channels, which
displays information on a vibrant display and is operated intuitively with touchscreen.
Up to 4 control channels are available via the tried-and-tested JUMO control algorithm with two
possible optimization variants. These enable a simple and highly-accurate startup. Even multiple-
zone control, cascade control, or other complex control tasks are therefore possible.
In the following block diagram, the various hardware options of the modular hardware concept
are depicted. 4 analog universal inputs and up to 8 external inputs can acquire a variety of physical
measured values with high precision. Thanks to different output variants, the actuators can
be controlled directly in the device, either in an analog manner or digitally. These can be expanded
further through external digital outputs. To communicate with higher-level systems, interfaces
such as Modbus (master/slave), PROFIBUS, PROFINET-RT, or Ethernet with web server, can
be used.
To ensure secure process operation, the device has password-protected user administration with
individual assignment of rights for different levels or control commands. Screen masks for controllers,
program generators, recording, and for overview screens are ready-made and available.
Four individual process screens can be created as desired using the configuration software. Important
analog and digital process values can be saved in a tamper-proof manner with the recording
extra code, visualized graphically, and exported to PC in a tamper-proof manner via
interface or USB flash drive.
The configuration software allows for the process controller to be programmed with ease, for
math and logic coherences to be described, and for customer-specific linearizations to be created.
Additionally, tools are included for simulating external signals or the control process, or to record
for the duration of the startup.
A comprehensive alarm and limit value concept as well as flexible digital signal management
complete the "all-in-one device".

Special features
• Vibrant 3.5-inch color screen,
with 320 × 240 pixels and 256 colors
• 32 programs with easy-to-use program entry
and program control
• Interfaces as a standard feature: USB host,
USB device, RS485 (COM1)
• Available as an interface (COM2):
RS422/485 Modbus master/slave, PROFIBUS-
DP, Ethernet, PROFINET-RT
• Integrated paperless recorder with tamperproof
data storage
• 4 individual process screens with user configurable
input fields
• 16 math and logic functions
• Flexible through modular hardware
• Password-protected user administration5-
digit analog value display
• Individual operating level
• Control loop and output level monitoring
• Integrated timer and time switch Service
and operating hours counter
• Web server for online visualization via a
web browser
• Alarm by email
• Protection type on the front, IP66
• AMS2750/CQI-9 calibration certificate
• cULus, DNV GL, DIN EN14597 approval




Similar Part No. - 703571

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7035751 FIBOX-7035751 Datasheet
55Kb / 2P
Enclosure, PC
03.08.2023
7035781 FIBOX-7035781 Datasheet
57Kb / 2P
Enclosure, PC
03.08.2023
7035791 FIBOX-7035791 Datasheet
56Kb / 2P
Enclosure, PC
03.08.2023
More results


Similar Description - 703571

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
Cypress Semiconductor
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
TrueTouch??Single-Touch Touchscreen Controller
CY8CTST120 CYPRESS-CY8CTST120 Datasheet
794Kb / 32P
TrueTouch??Single-Touch Touchscreen Controller
logo
Fuji Electric
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
PAPERLESS RECORDER
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
PAPERLESS RECORDER
logo
TT Electronics.
DS6000 TTELEC-DS6000 Datasheet
349Kb / 3P
Paperless Graphic Recorder
logo
M-System Co.,Ltd.
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
Paperless Recorder TR30 Series PAPERLESS RECORDER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com