Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMCA2110 Datasheet (PDF) - Infinite Electronics International, Inc.

FMCA2110 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMCA2110
Download  FMCA2110 Download
File Size   504.22 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male to SMA Male Cable FM-SR141TB Coax

FMCA2110 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMCA2110 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMCA2110
Download  FMCA2110 Click to download

File Size   504.22 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male to SMA Male Cable FM-SR141TB Coax

FMCA2110 Datasheet (HTML) - Infinite Electronics International, Inc.


FMCA2110 Product details

Features:
• Max Frequency 18 GHz
• Shielding Effectivity > 110 dB
• 69.5% Phase Velocity
• Dimensionally and electrically the
same as standard, solid outer
conductor semi-rigid coax
• Cable may be formed by hand
and does not require special tools
to bend
• May be formed more than once
without damaging the outer
conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity
tested
• 100% VSWR tested to max frequency
of assembly
• Standard and custom lengths
ship the same day




Similar Part No. - FMCA2110

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMCA2111 FAIRVIEW-FMCA2111 Datasheet
504Kb / 3P
RA SMA Male to RA SMA Male Cable FM-SR141TB Coax
REV 1.0 A
FMCA2112 FAIRVIEW-FMCA2112 Datasheet
509Kb / 4P
SMA Male to RA SMA Male Cable FM-SR141TB Coax with LF Solder
REV 1.0 A
FMCA2113 FAIRVIEW-FMCA2113 Datasheet
502Kb / 3P
SMA Male to SMA Female Cable FM-SR141TB Coax with LF Solder
REV 1.0 A
FMCA2114 FAIRVIEW-FMCA2114 Datasheet
517Kb / 4P
SMA Female Bulkhead to SMA Male Cable FMSR141TB Coax
REV 1.0 A
FMCA2115 FAIRVIEW-FMCA2115 Datasheet
516Kb / 4P
RA SMA Male to SMA Female Bulkhead Cable FMSR141TB Coax with LF Solder
REV 1.0 A
More results


Similar Description - FMCA2110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34286 PASTERNACK-PE34286 Datasheet
233Kb / 1P
SMA Male to SMA Male Precision Cable Using 150 Series Coax RoHS
PE3C0038 PASTERNACK-PE3C0038 Datasheet
335Kb / 3P
SMA Male to SMA Male Cable Using LMR-195 Coax
PE370 PASTERNACK-PE370 Datasheet
461Kb / 4P
SMA Male to SMA Male Test Cable Using PE-P102 Coax, RoHS
PE3385 PASTERNACK-PE3385 Datasheet
382Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax
PE3385LF PASTERNACK-PE3385LF Datasheet
384Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PE3822 PASTERNACK-PE3822 Datasheet
271Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMA MALE
PE37908 PASTERNACK-PE37908 Datasheet
392Kb / 4P
SMA Male to SMA Male Cable Using PE-C100-LSZH Coax
PE3C0052 PASTERNACK-PE3C0052 Datasheet
331Kb / 3P
SMA Male to SMA Male Cable Using LMR-240 Coax
PE3C0057 PASTERNACK-PE3C0057 Datasheet
347Kb / 3P
SMA Male to SMA Male Cable Using LMR-100 Coax
PE3C1015 PASTERNACK-PE3C1015 Datasheet
358Kb / 4P
SMA Male to SMA Male Cable Using Tinned RG402 Coax
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com