Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7035L Datasheet (PDF) - Renesas Technology Corp

7035L Datasheet PDF - Renesas Technology Corp
Part # 7035L
Download  7035L Download
File Size   233.71 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM

7035L Datasheet (PDF)

Go To PDF Page Download Datasheet
7035L Datasheet PDF - Renesas Technology Corp

Part # 7035L
Download  7035L Click to download

File Size   233.71 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM

7035L Datasheet (HTML) - Renesas Technology Corp


7035L Product details

◆ True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆ High-speed access
– Commercial: 15ns (max.)
◆ Low-power operation
– IDT7035L
Active: 800mW (typ.)
Standby: 1mW (typ.)
◆ Separate upper-byte and lower-byte control for multiplexed
bus compatibility
◆ IDT7035 easily expands data bus width to 36 bits or more
using the Master/Slave select when cascading more than
one device




Similar Part No. - 7035L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7035L15PFG IDT-7035L15PFG Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L15PFG IDT-7035L15PFG Datasheet
188Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L15PFG8 IDT-7035L15PFG8 Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L15PFG8 IDT-7035L15PFG8 Datasheet
188Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L15PFGI IDT-7035L15PFGI Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Similar Description - 7035L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S Datasheet
192Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_18 Datasheet
188Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com