Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7133SA Datasheet (PDF) - Renesas Technology Corp

7133SA Datasheet PDF - Renesas Technology Corp
Part # 7133SA
Download  7133SA Download
File Size   232.32 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED 2K X 16 DUAL-PORT SRAM

7133SA Datasheet (PDF)

Go To PDF Page Download Datasheet
7133SA Datasheet PDF - Renesas Technology Corp

Part # 7133SA
Download  7133SA Click to download

File Size   232.32 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED 2K X 16 DUAL-PORT SRAM

7133SA Datasheet (HTML) - Renesas Technology Corp


7133SA Product details

◆ High-speed access
– Commercial: 20/25/35/45/55/70/90ns (max.)
– Industrial: 25ns (max.)
– Military: 35/55/70/90ns (max.)
◆ Low-power operation
– IDT7133/43SA
Active: 1150mW (typ.)
Standby: 5mW (typ.)
– IDT7133/43LA
Active: 1050mW (typ.)
Standby: 1mW (typ.)
◆ Versatile control for write: separate write control for lower
and upper byte of each port




Similar Part No. - 7133SA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
7133SA25J MOLEX-7133SA25J Datasheet
28Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results


Similar Description - 7133SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7133SA IDT-IDT7133SA Datasheet
140Kb / 16P
HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
logo
UMC Corporation
UM6116-25 UMC-UM6116-25 Datasheet
375Kb / 6P
2K x 8 High Speed CMOS SRAM
logo
Integrated Device Techn...
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7133LA70GB IDT-7133LA70GB Datasheet
143Kb / 16P
HIGH SPEED 2K X 16 DUAL-PORT SRAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7133SA IDT-IDT7133SA_18 Datasheet
174Kb / 17P
HIGH SPEED 2K X 16 DUAL-PORT SRAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com