Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1026A Datasheet (PDF) - NXP Semiconductors

LS1026A Datasheet PDF - NXP Semiconductors
Part # LS1026A
Download  LS1026A Download
File Size   1987.6 Kbytes
Page   192 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description QorIQ LS1046A, LS1026A

LS1026A Datasheet (PDF)

Go To PDF Page Download Datasheet
LS1026A Datasheet PDF - NXP Semiconductors

Part # LS1026A
Download  LS1026A Click to download

File Size   1987.6 Kbytes
Page   192 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description QorIQ LS1046A, LS1026A

LS1026A Datasheet (HTML) - NXP Semiconductors


LS1026A Product details

Features
• LS1046A has four cores and LS1026A has two cores
• Four 32-bit/64-bit Arm® Cortex®-v8 A72 CPUs
– Arranged as a single cluster of four cores sharing a single 2 MB L2 cache
– Up to 1.8 GHz operation
– Single-threaded cores with 32 KB L1 data cache and 48 KB L1 instruction cache
• Hierarchical interconnect fabric
– Up to 700 MHz operation
• One 32-bit/64-bit DDR4 SDRAM memory controller with ECC and interleaving support
– Up to 2.1 GT/s
• Data Path Acceleration Architecture (DPAA) incorporating acceleration for the following functions:
– Packet parsing, classification, and distribution (FMan)
– Queue management for scheduling, packet sequencing, and congestion management (QMan)
– Hardware buffer management for buffer allocation and de-allocation (BMan)
– Cryptography acceleration (SEC)
– IEEE 1588™ support
• Two RGMII interfaces
• Eight SerDes lanes for high-speed peripheral interfaces
– Three PCI Express 3.0 controllers
– One Serial ATA (SATA 6 Gbit/s) controller
– Up to two XFI (10 GbE) interfaces
– Up to five SGMII interfaces supporting 1000 Mbps
– Up to three SGMII interfaces supporting 2500 Mbps
– Up to one QSGMII interface
– Supports 10GBase-KR
– Supports 1000Base-KX
• Additional peripheral interfaces
– One Quad Serial Peripheral Interface (QSPI) controller
– One Serial Peripheral Interface (SPI) controller
– Integrated flash controller (IFC) supporting NAND and NOR flash
– Three high-speed USB 3.0 controllers with integrated PHY
– One Enhanced Secure Digital Host Controller supporting SD 3.0, eMMC 4.4, and eMMC 4.5
– Four I2C controllers
– Two 16550-compliant DUARTs and six low-power UARTs (LPUARTs)
– General purpose IO (GPIO), eight Flextimers
– One Queue Direct Memory Access Controller (qDMA)
– One Enhanced Direct Memory Access Controller (eDMA)
– Global programmable interrupt controller (GIC)
– Thermal monitoring unit (TMU)
• 780 FC-PBGA package, 23 mm x 23 mm




Similar Part No. - LS1026A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LS1026A NXP-LS1026A Datasheet
204Kb / 2P
QorIQ LS1046A and LS1026A Processors
More results


Similar Description - LS1026A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P2020NSE2MHC FREESCALE-P2020NSE2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P5020NSE1VNB FREESCALE-P5020NSE1VNB Datasheet
112Kb / 2P
QorIQ P5020/P5010 Processors
P2020PSE2HFC FREESCALE-P2020PSE2HFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1022NXE2LFB FREESCALE-P1022NXE2LFB Datasheet
398Kb / 1P
QorIQ Hardware Specifications
P2010NSE2MHC FREESCALE-P2010NSE2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
logo
NXP Semiconductors
LS1012ARDBFS NXP-LS1012ARDBFS Datasheet
282Kb / 2P
QorIQ LS Processor Family
2014
LS1088A NXP-LS1088A Datasheet
1Mb / 196P
QorIQ LS1088A Data Sheet
Rev. 0, 01/2018
LS1026A NXP-LS1026A Datasheet
204Kb / 2P
QorIQ LS1046A and LS1026A Processors
LS1048A NXP-LS1048A Datasheet
155Kb / 2P
QorIQ LS1 Processor Family
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
P3041 QorIQ Communications Processor
Rev. 0, 11/2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com