Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPVZ5004 Datasheet (PDF) - NXP Semiconductors

MPVZ5004 Datasheet PDF - NXP Semiconductors
Part # MPVZ5004
Download  MPVZ5004 Download
File Size   602.27 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPxx5004, 0 to 3.92 kPa, Differential and Gauge, Integrated Pressure Sensor

MPVZ5004 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPVZ5004 Datasheet PDF - NXP Semiconductors

Part # MPVZ5004
Download  MPVZ5004 Click to download

File Size   602.27 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPxx5004, 0 to 3.92 kPa, Differential and Gauge, Integrated Pressure Sensor

MPVZ5004 Datasheet (HTML) - NXP Semiconductors


MPVZ5004 Product details

Features
• 1.5% maximum error for 0 to 100 mm H2O over +10 °C to +60 °C with autozero
• 2.5% maximum error for 100 to 400 mm H2O over +10 °C to +60 °C with autozero
• 6.25% maximum error for 0 to 400 mm H2O over 10 °C to +60 °C without autozero
• Temperature compensated over 10 °C to 60 °C
• Available in gauge surface mount (SMT) or through-hole (DIP) configurations
• Durable thermoplastic (PPS) package

Applications
• Washing machine water level
• Ideally suited for microprocessor or microcontroller-based systems
• Appliance liquid level and pressure measurement
• Respiratory equipment




Similar Part No. - MPVZ5004

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5004 FREESCALE-MPVZ5004 Datasheet
470Kb / 22P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5004G FREESCALE-MPVZ5004G Datasheet
358Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5004G FREESCALE-MPVZ5004G Datasheet
470Kb / 22P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5004G6T1 FREESCALE-MPVZ5004G6T1 Datasheet
358Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5004G6T1 FREESCALE-MPVZ5004G6T1 Datasheet
470Kb / 22P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results


Similar Description - MPVZ5004

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7310D INTERSEMA-MS7310D Datasheet
195Kb / 4P
LOW PRESSURE SENSOR DIE (0 to 10 kPa)
MS7305D INTERSEMA-MS7305D Datasheet
196Kb / 4P
LOW PRESSURE SENSOR DIE (0 to 5 kPa)
logo
NXP Semiconductors
MP3V5050 NXP-MP3V5050 Datasheet
432Kb / 15P
MP3V5050, 0 to 50 kPa, Differential, and Gauge Pressure Sensor
Rev. 1.4, 12/2018
MP3V5050V NXP-MP3V5050V Datasheet
145Kb / 11P
MP3V5050V, -50 to 0 kPa, Gauge Pressure Sensor
Rev. 3.0, 09/2015
MPX53 NXP-MPX53 Datasheet
261Kb / 12P
MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
Rev. 7.1, 07/2015
MPX2300DT1 NXP-MPX2300DT1 Datasheet
106Kb / 7P
MPX2300DT1, 0 to 40 kPa, Differential Compensated Pressure Sensor
Rev. 11, 09/2015
MPX4250D NXP-MPX4250D Datasheet
505Kb / 14P
0 to 250 kPa, Differential, gauge pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 8.0-25 July 2017
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
MPXM2051G NXP-MPXM2051G Datasheet
828Kb / 10P
MPXM2051G, 0 to 50 kPa, Gauge Compensated Pressure Sensors
Rev. 4.0, 06/2020
MPXC2011DT1 NXP-MPXC2011DT1 Datasheet
107Kb / 7P
MPXC2011DT1, 0 to 10 kPa, Differential, Compensated Pressure Sensor
Rev. 11, 09/2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com