Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMCA2139 Datasheet (PDF) - Infinite Electronics International, Inc.

FMCA2139 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMCA2139
Download  FMCA2139 Download
File Size   517.02 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male to TNC Female Bulkhead Cable FMSR141TB Coax with LF Solder

FMCA2139 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMCA2139 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMCA2139
Download  FMCA2139 Click to download

File Size   517.02 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male to TNC Female Bulkhead Cable FMSR141TB Coax with LF Solder

FMCA2139 Datasheet (HTML) - Infinite Electronics International, Inc.


FMCA2139 Product details

Features:
• Max Frequency 6 GHz
• Shielding Effectivity > 100 dB
• 69.5% Phase Velocity
• Dimensionally and electrically the
same as standard, solid outer
conductor semi-rigid coax
• Cable may be formed by hand
and does not require special tools
to bend
• May be formed more than once
without damaging the outer
conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity
tested
• 100% VSWR tested to max frequency
of assembly
• Standard and custom lengths
ship the same day




Similar Part No. - FMCA2139

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMCA2131 FAIRVIEW-FMCA2131 Datasheet
517Kb / 4P
SMA Male to N Female Bulkhead Cable FM-SR141TB Coax with LF Solder
REV 1.0 A
FMCA2132 FAIRVIEW-FMCA2132 Datasheet
517Kb / 4P
RA SMA Male to N Female Bulkhead Cable FMSR141TB Coax with LF Solder
REV 1.0 A
FMCA2133 FAIRVIEW-FMCA2133 Datasheet
527Kb / 4P
SMA Male to N Female Bulkhead Cable FM-SR086TBJ Coax with LF Solder
REV 1.0 A
FMCA2135 FAIRVIEW-FMCA2135 Datasheet
517Kb / 4P
SMA Male to N Female Bulkhead Cable FM-SR141TBJ Coax with LF Solder
REV 1.0 A
FMCA2136 FAIRVIEW-FMCA2136 Datasheet
521Kb / 4P
RA SMA Male to N Female Bulkhead Cable FMSR141TBJ Coax with LF Solder
REV 1.0 A
More results


Similar Description - FMCA2139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39447 PASTERNACK-PE39447_17 Datasheet
385Kb / 4P
SMA Male to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FL Coax, LF Solder, RoHS
PE34192LF PASTERNACK-PE34192LF Datasheet
449Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable Using RG400 Coax, LF Solder, RoHS
PE34192LF-12 PASTERNACK-PE34192LF-12 Datasheet
446Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable 12 Inch Length Using RG400 Coax, LF Solder, RoHS
PE3C2892 PASTERNACK-PE3C2892 Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax
PE39489 PASTERNACK-PE39489 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-6 PASTERNACK-PE39489-6 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-9 PASTERNACK-PE39489-9 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-12 PASTERNACK-PE39489-12 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-18 PASTERNACK-PE39489-18 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
PE39489-24 PASTERNACK-PE39489-24 Datasheet
398Kb / 4P
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, LF Solder, RoHS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com