Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP014098 Datasheet (PDF) - Multicomp Pro

MP014098 Datasheet PDF - Multicomp Pro
Part # MP014098
Download  MP014098 Download
File Size   501.29 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Cartridge Fuses

MP014098 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP014098 Datasheet PDF - Multicomp Pro

Part # MP014098
Download  MP014098 Click to download

File Size   501.29 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Cartridge Fuses

MP014098 Datasheet (HTML) - Multicomp Pro


MP014098 Product details

Description
This Series fuse is designed for barrier circuits in intrinsic safety applications relating to Hazardous Locations. Ranging from 40mA to 250mA, the Series provides overcurrent protection solutions to fit many Hazardous Location barrier applications.

Features
• Meets electrical performance specifications for intrinsically safe (EN60079-11) applications.
• Fast-acting, high interrupting rating of 4000A at 250V AC/DC.
• Ceramic tube, silver plated brass end cap construction.




Similar Part No. - MP014098

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP014000 MULTICOMP-MP014000 Datasheet
124Kb / 1P
Self Clinching Pilot Pins
11/07/24 V1.0
logo
Golledge Electronics Lt...
MP01403 GOLLEDGE-MP01403 Datasheet
88Kb / 4P
SAW Filter 284MHz
MP01404 GOLLEDGE-MP01404 Datasheet
154Kb / 6P
SAW Filter 453.6950MHz
MP01408 GOLLEDGE-MP01408 Datasheet
300Kb / 5P
SAW Filter 915MHz
More results


Similar Description - MP014098

ManufacturerPart #DatasheetDescription
logo
Littelfuse
505 LITTELFUSE-505 Datasheet
176Kb / 3P
Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
Axial Lead & Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
Axial Lead & Cartridge Fuses
3004M LITTELFUSE-3004M Datasheet
218Kb / 4P
Axial Lead Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
Axial Lead & Cartridge Fuses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com