Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA010P20Q Datasheet (PDF) - KEC(Korea Electronics)

KMA010P20Q Datasheet PDF - KEC(Korea Electronics)
Part # KMA010P20Q
Download  KMA010P20Q Download
File Size   750.92 Kbytes
Page   5 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description P-Ch Trench MOSFET

KMA010P20Q Datasheet (PDF)

Go To PDF Page Download Datasheet
KMA010P20Q Datasheet PDF - KEC(Korea Electronics)

Part # KMA010P20Q
Download  KMA010P20Q Click to download

File Size   750.92 Kbytes
Page   5 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description P-Ch Trench MOSFET

KMA010P20Q Datasheet (HTML) - KEC(Korea Electronics)


KMA010P20Q Product details

General Description
It s mainly suitable for battery pack or power management in cell phone, and PDA.

FEATURES
• VDSS=-20V, ID=-10A.
• Drain-Source ON Resistance.
    : RDS(ON)=14m Ω (Max.) @ VGS=-4.5V, ID=-10A.
    : RDS(ON)=24m Ω (Max.) @ VGS=-2.5V, ID=-7.6A.




Similar Part No. - KMA010P20Q

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KMA-B010GUYLN SENSORTECHNICS-KMA-B010GUYLN Datasheet
59Kb / 3P
Amplified OEM pressure sensors
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
NXP Semiconductors
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
Programmable angle sensor
Rev. 01-26 April 2010
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
Programmable angle sensor
Rev. 01-18 October 2007
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
Programmable angle sensor
Rev. 05-16 August 2005
More results


Similar Description - KMA010P20Q

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB3D0P30SA KEC-KMB3D0P30SA Datasheet
471Kb / 5P
P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA Datasheet
464Kb / 4P
P-Ch Trench MOSFET
KMA4D5P20X KEC-KMA4D5P20X Datasheet
423Kb / 5P
P-CH Trench MOSFET
KMA2D3P20S KEC-KMA2D3P20S Datasheet
474Kb / 5P
P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA Datasheet
54Kb / 4P
P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA_15 Datasheet
848Kb / 4P
P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
P-Ch Trench MOSFET
KML0D4P20E KEC-KML0D4P20E Datasheet
791Kb / 4P
P-Ch Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com