Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR0906 Datasheet (PDF) - Potens Semiconductor Corp.

PDR0906 Datasheet PDF - Potens Semiconductor Corp.
Part # PDR0906
Download  PDR0906 Download
File Size   1275.63 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 100V N-Channel MOSFETs

PDR0906 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDR0906 Datasheet PDF - Potens Semiconductor Corp.

Part # PDR0906
Download  PDR0906 Click to download

File Size   1275.63 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 100V N-Channel MOSFETs

PDR0906 Datasheet (HTML) - Potens Semiconductor Corp.


PDR0906 Product details

Features
- 100V,15A, RDS(ON) =90mΩ@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available

Applications
- Networking
- Load Switch
- LED applications




Similar Part No. - PDR0906

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDR0910 POTENS-PDR0910 Datasheet
451Kb / 5P
100V N-Channel MOSFETs
Ver.1.00
PDR0958A POTENS-PDR0958A Datasheet
756Kb / 5P
100V N-Channel MOSFETs
Ver.1.01
PDR0976 POTENS-PDR0976 Datasheet
637Kb / 5P
100V N-Channel MOSFETs
Ver.1.00
PDR0976B POTENS-PDR0976B Datasheet
992Kb / 5P
100V N-Channel MOSFETs
Ver.1.01
PDR0978 POTENS-PDR0978 Datasheet
870Kb / 5P
100V N-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDR0906

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD09N66 BWTECH-MSD09N66 Datasheet
586Kb / 6P
100V N-Channel MOSFETs
MSC09N74X BWTECH-MSC09N74X Datasheet
600Kb / 6P
100V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK0906T FS-FTK0906T Datasheet
1,010Kb / 5P
100V N-Channel MOSFETs
FTK0954T FS-FTK0954T Datasheet
876Kb / 5P
100V N-Channel MOSFETs
FTK0966D FS-FTK0966D Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0970P FS-FTK0970P Datasheet
998Kb / 5P
100V N-Channel MOSFETs
FTK0976 FS-FTK0976 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0976F FS-FTK0976F Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0966AD FS-FTK0966AD Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0974DFN56 FS-FTK0974DFN56 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com