Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3EQX12902E Datasheet (PDF) - Diodes Incorporated

PI3EQX12902E Datasheet PDF - Diodes Incorporated
Part # PI3EQX12902E
Download  PI3EQX12902E Download
File Size   535.55 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8 Gbps 1 Port/2 Channels PCIe 3.0/SATA3 Combo ReDriver with Modern Standby Mode

PI3EQX12902E Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3EQX12902E Datasheet PDF - Diodes Incorporated

Part # PI3EQX12902E
Download  PI3EQX12902E Click to download

File Size   535.55 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8 Gbps 1 Port/2 Channels PCIe 3.0/SATA3 Combo ReDriver with Modern Standby Mode

PI3EQX12902E Datasheet (HTML) - Diodes Incorporated


PI3EQX12902E Product details

Features
Î 8 Gbps Serial Link with Linear Equalizer
Î Two 8 Gbps Differential Signal Pairs
Î Supports PCIe 3.0/SATA3 Protocols
Î Supports Modern Standby Requirement
Î Transparent to link training, OOB, Idle
Î Pin Adjustable Receiver Equalization
Î Pin Adjustable output linear swing
Î Pin Adjustable Flat Gain
Î 100 Ω Differential CML I/O’s
Î Auto receiver detection for adaptive power management
Î Auto “low power” mode for adaptive power management
Î Supports L1.2 Mode for Adaptive Power Management
Î Single Supply Voltage: 3.3 V ± 0.3 V
Î Industrial Temperature range: -40 oC to 85 oC
Î Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î Halogen and Antimony Free. “Green” Device (Note 3)
Î For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/

Applications
Description
Î Notebook PC
Î Server Motherboards
Î Rack Server
Î JBOD Storage
Î Blade Server
PI3EQX12902E is a low power, high performance 8 Gbps 2
channels PCIe 3.0/SATA3 linear ReDriver.
The device provides programmable equalization, linear
swing and flat gain to optimize performance over a variety
of physical mediums by reducing Inter-Symbol Interference.
PI3EQX12902E supports two 100 Ω Differential CML data I/O’s
between the Protocol ASIC to a switch fabric, over cable, or to
extend the signals across other distant data pathways on the
user’s platform.
The integrated equalization circuitry enhances the signal integrity
of the waveform through the ReDriver.
Each channel operates independently. The channels’ input signal
level determines whether the output is active.
The PI3EQX12902E is a flexible, multi-protocol linear ReDriver
designed to support new chipsets with dual protocol I/O pins,
which support 8 Gbps PCIe 3.0 and 6 Gbps SATA3 speeds. It
also supports connectors such as mSATA/M.2/SATAe/U.2 that
provide control signals.
The PI3EQX12902E is also an excellent choice for single lane
applications requiring low power and small package for docking
station connectivity.




Similar Part No. - PI3EQX12902E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQX12902B PERICOM-PI3EQX12902B Datasheet
965Kb / 1P
Linear Equalization
More results


Similar Description - PI3EQX12902E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
logo
Pericom Semiconductor C...
PI2EQX862 PERICOM-PI2EQX862 Datasheet
788Kb / 1P
PCIe 3.0/SATA3.0, 1-Lane, Combo ReDriver
PI3EQX1002B PERICOM-PI3EQX1002B Datasheet
791Kb / 1P
1-Port USB3.1 GEN-2 ReDriver
PI3EQX7741 PERICOM-PI3EQX7741 Datasheet
665Kb / 1P
5.0Gbps, 1-port, (2-Channel) USB 3.0 ReDriver
PI3EQX7742 PERICOM-PI3EQX7742 Datasheet
654Kb / 1P
5.0 Gbps, 2-port, (4-Channel) USB 3.0 ReDriver
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
logo
Diodes Incorporated
PI3EQX1002B1 DIODES-PI3EQX1002B1 Datasheet
1Mb / 12P
1-Port USB3.1 Gen-2 ReDriver
December 2019
PI3EQX16612 DIODES-PI3EQX16612 Datasheet
675Kb / 1P
16Gbps, 4-Channels PCIe DeMux ReDriver
PI3EQX16621 DIODES-PI3EQX16621 Datasheet
679Kb / 1P
16Gbps, 4-Channels PCIe Mux ReDriver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com