Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD2741AS Datasheet (PDF) - ON Semiconductor

FOD2741AS Datasheet PDF - ON Semiconductor
Part # FOD2741AS
Download  FOD2741AS Download
File Size   489.24 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Optically Isolated Error Amplifier

FOD2741AS Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD2741AS Datasheet PDF - ON Semiconductor

Part # FOD2741AS
Download  FOD2741AS Click to download

File Size   489.24 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Optically Isolated Error Amplifier

FOD2741AS Datasheet (HTML) - ON Semiconductor


FOD2741AS Product details

Features
■ Optocoupler, precision reference and error amplifier in single package
■ 2.5V reference
■ CTR 100% to 200%
■ 5,000V RMS isolation
■ UL approved E90700, Volume 2
CSA approval 1296837
VDE approval 40002463
BSI approval 8702, 8703
■ Low temperature coefficient 50ppm/°C max.
■ FOD2741A: tolerance 0.5%
FOD2741B: tolerance 1%
FOD2741C: tolerance 2%

Applications
■ Power supplies regulation
■ DC to DC converters

Description
The FOD2741 Optically Isolated Amplifier consists of the popular KA431 precision programmable shunt reference and an optocoupler. The optocoupler is a gallium arsenide (GaAs) light emitting diode optically coupled to a silicon phototransistor. It comes in 3 grades of reference voltage tolerance = 2%, 1%, and 0.5%.
The Current Transfer Ratio (CTR) ranges from 100% to 200%. It also has an outstanding temperature coefficient of 50 ppm/°C. It is primarily intended for use as the error amplifier/reference voltage/optocoupler function in isolated AC to DC power supplies and DC/DC converters.
When using the FOD2741, power supply designers can reduce the component count and save space in tightly packaged designs. The tight tolerance reference eliminates the need for adjustments in many applications. The device comes in a 8-pin dip white package.




Similar Part No. - FOD2741AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2741AS FAIRCHILD-FOD2741AS Datasheet
304Kb / 15P
Optically Isolated Error Amplifier
FOD2741ASD FAIRCHILD-FOD2741ASD Datasheet
304Kb / 15P
Optically Isolated Error Amplifier
FOD2741ASDV FAIRCHILD-FOD2741ASDV Datasheet
189Kb / 15P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741ASDV FAIRCHILD-FOD2741ASDV Datasheet
304Kb / 15P
Optically Isolated Error Amplifier
FOD2741ASV FAIRCHILD-FOD2741ASV Datasheet
189Kb / 15P
OPTICALLY ISOLATED ERROR AMPLIFIER
More results


Similar Description - FOD2741AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
Optically Isolated Error Amplifier
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
Optically Isolated Error Amplifier
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com