Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1644EAE Datasheet (PDF) - Maxim Integrated Products

MAX1644EAE Datasheet PDF - Maxim Integrated Products
Part # MAX1644EAE
Download  MAX1644EAE Download
File Size   137.65 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PLASTIC ENCAPSULATED DEVICES

MAX1644EAE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1644EAE Datasheet PDF - Maxim Integrated Products

Part # MAX1644EAE
Download  MAX1644EAE Click to download

File Size   137.65 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PLASTIC ENCAPSULATED DEVICES

MAX1644EAE Datasheet (HTML) - Maxim Integrated Products


MAX1644EAE Product details

General Description
The MAX1644 constant-off-time, PWM step-down DC-DC converter is ideal for use in applications such as PC cards, CPU daughter cards, and desktop computer bus-termination boards. The device features internal synchronous rectification for high efficiency and reduced component count. It requires no external Schottky diode. The internal 0.10Ω PMOS power switch and 0.10Ω NMOS synchronous-rectifier switch easily deliver continuous load currents up to 2A. The MAX1644 produces a preset +3.3V or +2.5V output voltage or an adjustable output from +1.1V to VIN. It achieves efficiencies as high as 95%.

Features
♦ ±1% Output Accuracy
♦ 95% Efficiency
♦ Internal PMOS and NMOS Switches
    70mΩ On-Resistance at VIN = +4.5V
    100mΩ On-Resistance at VIN = +3V
♦ Output Voltage
    +3.3V or +2.5V Pin-Selectable
    +1.1V to VIN Adjustable
♦ +3V to +5.5V Input Voltage Range
♦ 360µA (max) Operating Supply Current
♦ < 1µA Shutdown Supply Current
♦ Programmable Constant-Off-Time Operation
♦ 350kHz (max) Switching Frequency
♦ Idle Mode Operation at Light Loads
♦ Thermal Shutdown
♦ Adjustable Soft-Start Inrush Current Limiting
♦ 100% Duty Cycle During Low-Dropout Operation
♦ Output Short-Circuit Protection
♦ 16-Pin SSOP Package

Applications
    +5V to +3.3V/+2.5V Conversion
    CPU I/O Supply
    +3.3V PC Card and CardBus Applications
    Notebook and Subnotebook Computers
    Desktop Bus-Termination Boards
    CPU Daughter Card Supply




Similar Part No. - MAX1644EAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1644EAE MAXIM-MAX1644EAE Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE+ MAXIM-MAX1644EAE+ Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
More results


Similar Description - MAX1644EAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX5309EUE MAXIM-MAX5309EUE Datasheet
99Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A March 30, 2004
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com