Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19221 Datasheet (PDF) - Molex Electronics Ltd.

19221 Datasheet PDF - Molex Electronics Ltd.
Part # 19221
Download  19221 Download
File Size   31.19 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Battery Cable Lugs

19221 Datasheet (PDF)

Go To PDF Page Download Datasheet
19221 Datasheet PDF - Molex Electronics Ltd.

Part # 19221
Download  19221 Click to download

File Size   31.19 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Battery Cable Lugs

19221 Datasheet (HTML) - Molex Electronics Ltd.


19221 Product details

Description: Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 10 (M5), Tin Plated




Similar Part No. - 19221

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19221 FESTO-19221 Datasheet
86Kb / 2P
ISO cylinder
logo
DESCO INDUSTRIES INC
19221 DESCO-19221 Datasheet
3Mb / 7P
Wave Distortion Monitor Verification Tester Operation Instructions
August 2017
logo
Molex Electronics Ltd.
19221 MOLEX-19221 Datasheet
30Kb / 1P
Battery Cable Lugs
10/12/2018
19221-0223 MOLEX-19221-0223 Datasheet
30Kb / 1P
Battery Cable Lugs
10/12/2018
19221-0459 MOLEX4-19221-0459 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal
More results


Similar Description - 19221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH111D-GR ETC2-12BH111D-GR Datasheet
180Kb / 1P
1 D Battery Holderwith Solder Lugs
12BH221D-GR ETC2-12BH221D-GR Datasheet
193Kb / 1P
2 C Battery Holder with Solder Lugs
12BH311-GR ETC2-12BH311-GR Datasheet
70Kb / 1P
1 AA Battery Holder with Solder Lugs
12BH331D-GR ETC2-12BH331D-GR Datasheet
89Kb / 1P
3 AA Battery Holder with Solder Lugs
12BH510-GR ETC2-12BH510-GR Datasheet
130Kb / 1P
1 N Battery Holder with Leads or Solder Lugs
12BH612-GR ETC2-12BH612-GR Datasheet
38Kb / 1P
1 9V Battery Holder with Solder Lugs
logo
PHOENIX CONTACT
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
Crimping pliers for insulated cable lugs and connectors
CRIMPFOX-RCI-6-M PHOENIX-CRIMPFOX-RCI-6-M Datasheet
44Kb / 2P
Crimping pliers for cable lugs and connectors
logo
Lapp.
61796480 LAPP-61796480 Datasheet
259Kb / 4P
Tube cable lugs KR/ KRT/ KRF
16.08.2021
63104010 LAPP-63104010 Datasheet
229Kb / 3P
Insulated cable lugs
14.08.2023
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com