Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1945R Datasheet (PDF) - Maxim Integrated Products

MAX1945R Datasheet PDF - Maxim Integrated Products
Part # MAX1945R
Download  MAX1945R Download
File Size   848.74 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators

MAX1945R Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1945R Datasheet PDF - Maxim Integrated Products

Part # MAX1945R
Download  MAX1945R Click to download

File Size   848.74 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators

MAX1945R Datasheet (HTML) - Maxim Integrated Products


MAX1945R Product details

General Description
The MAX1945R/MAX1945S high-efficiency pulse-width modulation (PWM) switching regulators deliver up to 6A of output current. The devices operate from an input supply range of 2.6V to 5.5V and provide selectable output voltages of 1.8V, 2.5V, and adjustable output voltages from 0.8V to 85% of the supply voltage.

Features
♦ 6A PWM Step-Down Regulator with 95% Efficiency
♦ 1MHz/500kHz Switching for Small External Components
♦ 0.76in2 Complete 6A Regulator Footprint
♦ External Components’ Height <3mm
♦ ±1% Output Accuracy over Load, Line, and Temperature
♦ Operate from 2.6V to 5.5V Supply
♦ Operate from 2.5V Input with VCC at 3.3V/5V
♦ Preset Output Voltage of 1.8V or 2.5V
♦ Adjustable Output from 0.8V to 85% of Input
♦ Voltage Margining: ±4% (MAX1945R) or ±9% (MAX1945S)
♦ Synchronize to External Clock
♦ SYNCOUT Provides 180-Degree Out-of-Phase Clock Output
♦ All-Ceramic or Electrolytic Capacitor Designs

Applications
   Low-Voltage, High-Density Distributed Power Supplies
   ASIC, CPU, and DSP Core Voltages
   RAM Power Supply
   Base Station, Telecom, and Networking Equipment Power Supplies
   Server and Notebook Power Supplies




Similar Part No. - MAX1945R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1945 MAXIM-MAX1945 Datasheet
158Kb / 6P
Evaluation Kit
Rev 1; 1/03
MAX1945EVKIT MAXIM-MAX1945EVKIT Datasheet
158Kb / 6P
Evaluation Kit
Rev 1; 1/03
More results


Similar Description - MAX1945R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
1MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
1MHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com