Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMCA2425 Datasheet (PDF) - Infinite Electronics International, Inc.

FMCA2425 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMCA2425
Download  FMCA2425 Download
File Size   451.01 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Low PIM 4.1/9.5 Mini DIN Male to RA N Male Cable TFT-402 Coax Using Times Microwave Components

FMCA2425 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMCA2425 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMCA2425
Download  FMCA2425 Click to download

File Size   451.01 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Low PIM 4.1/9.5 Mini DIN Male to RA N Male Cable TFT-402 Coax Using Times Microwave Components

FMCA2425 Datasheet (HTML) - Infinite Electronics International, Inc.


FMCA2425 Product details

Features:
• Max Frequency 3 GHz
• Low PIM: -160 dBc Max
• Shielding Effectivity > -80 dB
• 76% Phase Velocity
• Double Shielded
• FEP Jacket




Similar Part No. - FMCA2425

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMCA2420 FAIRVIEW-FMCA2420 Datasheet
485Kb / 4P
Low PIM 4.1/9.5 Mini DIN Female to N Male Cable TFT-402 Coax Using Times Microwave Components
REV 1.0 A
FMCA2421 FAIRVIEW-FMCA2421 Datasheet
486Kb / 4P
Low PIM 4.1/9.5 Mini DIN Female to RA N Male Cable TFT-402 Coax Using Times Microwave Components
REV 1.0 A
FMCA2422 FAIRVIEW-FMCA2422 Datasheet
451Kb / 4P
Low PIM 4.1/9.5 Mini DIN Male to N Female Cable TFT-402 Coax Using Times Microwave Components
REV 1.0
FMCA2423 FAIRVIEW-FMCA2423 Datasheet
455Kb / 4P
Low PIM 4.1/9.5 Mini DIN Male to N Female Bulkhead Cable TFT-402 Coax Using Times Microwave Components
REV 1.0 A
FMCA2424 FAIRVIEW-FMCA2424 Datasheet
450Kb / 4P
Low PIM 4.1/9.5 Mini DIN Male to N Male Cable TFT-402 Coax Using Times Microwave Components
REV 1.0 A
More results


Similar Description - FMCA2425

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91092 PASTERNACK-PE91092 Datasheet
202Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Male Adapter
PE3C2010 PASTERNACK-PE3C2010 Datasheet
366Kb / 4P
4.1 - 9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2009 PASTERNACK-PE3C2009 Datasheet
426Kb / 5P
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with HeatShrink, RoHS
PE3C4143 PASTERNACK-PE3C4143 Datasheet
502Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PE3C4143 PASTERNACK-PE3C4143_V01 Datasheet
504Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM
PE3C5841 PASTERNACK-PE3C5841 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Fema Low PIM Cable
PE3C5847 PASTERNACK-PE3C5847 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Right Angle Low PIM Cable
PE3C7966-12 PASTERNACK-PE3C7966-12 Datasheet
724Kb / 5P
N Male to N Male Low PIM Cable 12 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7966-60 PASTERNACK-PE3C7966-60 Datasheet
725Kb / 5P
N Male to N Male Low PIM Cable 60 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7967-50CM PASTERNACK-PE3C7967-50CM Datasheet
725Kb / 5P
N Male to N Male Right Angle Low PIM Cable 50 CM Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com