Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9840GLE-AEC1-P Datasheet (PDF) - Monolithic Power Systems

MPQ9840GLE-AEC1-P Datasheet PDF - Monolithic Power Systems
Part # MPQ9840GLE-AEC1-P
Download  MPQ9840GLE-AEC1-P Download
File Size   2330.04 Kbytes
Page   34 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified

MPQ9840GLE-AEC1-P Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ9840GLE-AEC1-P Datasheet PDF - Monolithic Power Systems

Part # MPQ9840GLE-AEC1-P
Download  MPQ9840GLE-AEC1-P Click to download

File Size   2330.04 Kbytes
Page   34 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified

MPQ9840GLE-AEC1-P Datasheet (HTML) - Monolithic Power Systems


MPQ9840GLE-AEC1-P Product details

DESCRIPTION
The MPQ9840 is a high-frequency, synchronous, rectified, step-down, switch-mode converter with built-in power MOSFETs. It offers a very compact solution that achieves 3.5A of continuous output current with excellent load and line regulation over a wide 3.3V to 36V nput supply range. The switching frequency can be programmed or synchronized to an external clock in the range of 350kHz to 2.5MHz. The synchronous operation and ultralow 14μA sleep mode quiescent current provide high efficiency over the output current load range, allowing the MPQ9840 to be used in a variety of step-down applications in automotive input environments and battery-powered applications.
Peak-current-mode operation provides fast transient response and eases loop stabilization. The excellent low dropout performance allows the MPQ9840 to be used in high duty cycle applications.
Full protection features include over-current protection (OCP), short-circuit protection (SCP), and thermal shutdown. An open-drain power good (PG) signal indicates when the output is within 10% of its nominal voltage.
The MPQ9840 is available in a space-saving QFN-16 (3mmx4mm) package.

FEATURES
 2μA Low Shutdown Supply Current
 14μA No-Load Quiescent Current
 Internal 125mΩ High-Side and 55mΩ Low-Side MOSFET
 350kHz to 2.5MHz Programmable Switching Frequency
 Power Good (PG) Output
 External Soft Start (SS)
 80ns Minimum On Time
 Selectable Forced CCM and AAM
 Hiccup Over-Current Protection (OCP)
 AEC-Q100 Grade-1
 Available in a QFN-16 (3mmx4mm) Package

APPLICATIONS
 Automotive Systems
 Industrial Power Systems




Similar Part No. - MPQ9840GLE-AEC1-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ9841 MPS-MPQ9841 Datasheet
1Mb / 31P
36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
5/10/2019 Rev.1.02
MPQ9841GL MPS-MPQ9841GL Datasheet
1Mb / 31P
36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
5/10/2019 Rev.1.02
MPQ9841GL-AEC1 MPS-MPQ9841GL-AEC1 Datasheet
1Mb / 31P
36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
5/10/2019 Rev.1.02
MPQ9841GL-P MPS-MPQ9841GL-P Datasheet
1Mb / 31P
36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
5/10/2019 Rev.1.02
MPQ9841GLE-33-AEC1-Z MPS-MPQ9841GLE-33-AEC1-Z Datasheet
1Mb / 31P
36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
5/10/2019 Rev.1.02
More results


Similar Description - MPQ9840GLE-AEC1-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4473-AEC1 MPS-MPQ4473-AEC1 Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com