Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC143X Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTC143X Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTC143X
Download  PDTC143X Download
File Size   362.29 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN resistor-equipped transistors

PDTC143X Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC143X Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTC143X
Download  PDTC143X Click to download

File Size   362.29 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN resistor-equipped transistors

PDTC143X Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTC143X Product details

1. General description
100 mA NPN Resistor-Equipped Transistor (RET) family in an ultra small DFN1110D-3 (SOT8015)
leadless Surface-Mounted Device (SMD) plastic package with side-wettable flanks.
Table 1. Product overview
Type number R1 R2 Package
kΩ kΩ Nexperia JEDEC
PNP complement:
PDTC143XQB 4.7 10 PDTA143XQB
PDTC123JQB 2.2 47 PDTA123JQB
PDTC143ZQB 4.7 47 PDTA143ZQB
PDTC114YQB 10 47 PDTA114YQB
PDTC124XQB 22 47
SOT8015 MO-340BA
PDTA124XQB
2. Features and benefits
• 100 mA output current capability
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Low package height of 0.5 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint
3. Applications
• Digital applications
• Cost saving alternative for BC847 series in digital applications
• Controlling IC inputs
• Switching loads




Similar Part No. - PDTC143X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTC143X NXP-PDTC143X Datasheet
147Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 10-16 November 2009
logo
Nexperia B.V. All right...
PDTC143X NEXPERIA-PDTC143X Datasheet
1Mb / 18P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
PDTC143X NEXPERIA-PDTC143X Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143X NEXPERIA-PDTC143X Datasheet
366Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
More results


Similar Description - PDTC143X

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC143XQA NEXPERIA-PDTC143XQA Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
PDTC143EQB-Q_SER NEXPERIA-PDTC143EQB-Q_SER Datasheet
327Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQB_SER NEXPERIA-PDTC143EQB_SER Datasheet
326Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQC-Q_SER NEXPERIA-PDTC143EQC-Q_SER Datasheet
331Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQC_SER NEXPERIA-PDTC143EQC_SER Datasheet
330Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQA_SER NEXPERIA-PDTC143XQA_SER Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 30 October 2015
PDTC143XQB-Q_SER NEXPERIA-PDTC143XQB-Q_SER Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQB_SER NEXPERIA-PDTC143XQB_SER Datasheet
362Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQC-Q_SER NEXPERIA-PDTC143XQC-Q_SER Datasheet
366Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQC_SER NEXPERIA-PDTC143XQC_SER Datasheet
365Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com