Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU69C4Z Datasheet (PDF) - Potens Semiconductor Corp.

PDU69C4Z Datasheet PDF - Potens Semiconductor Corp.
Part # PDU69C4Z
Download  PDU69C4Z Download
File Size   1199.6 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V N-Channel MOSFETs

PDU69C4Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PDU69C4Z Datasheet PDF - Potens Semiconductor Corp.

Part # PDU69C4Z
Download  PDU69C4Z Click to download

File Size   1199.6 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V N-Channel MOSFETs

PDU69C4Z Datasheet (HTML) - Potens Semiconductor Corp.


PDU69C4Z Product details

Features
- 60V,1.2A, RDS(ON) =108mΩ @VGS = 10V
- Improved dv/dt capability
- Fast switching
- Green Device Available
- Notebook
- Battery Protection
- Hand-held Instruments

Applications
- Load Switch




Similar Part No. - PDU69C4Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU620 DIODES-PDU620 Datasheet
130Kb / 4P
6A ULTRA-FAST RECOVERY RECTIFIER
DS30760 Rev. 2 - 2
PDU620-13 DIODES-PDU620-13 Datasheet
130Kb / 4P
6A ULTRA-FAST RECOVERY RECTIFIER
DS30760 Rev. 2 - 2
PDU620CT DIODES-PDU620CT Datasheet
137Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER
DS30622 Rev. 3 - 2
PDU620CT DIODES-PDU620CT Datasheet
121Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER
DS30622 Rev. 4 - 2
PDU620CT DIODES-PDU620CT Datasheet
488Kb / 6P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER
Rev 5
More results


Similar Description - PDU69C4Z

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6960DFN56 FS-FTK6960DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6960D FS-FTK6960D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6904Z FS-FTK6904Z Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910 FS-FTK6910 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910D FS-FTK6910D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910P FS-FTK6910P Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6912I FS-FTK6912I Datasheet
895Kb / 5P
60V N-Channel MOSFETs
FTK6912T FS-FTK6912T Datasheet
800Kb / 5P
60V N-Channel MOSFETs
FTK6964 FS-FTK6964 Datasheet
680Kb / 5P
60V N-Channel MOSFETs
FTK6990DFN56 FS-FTK6990DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com