Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVL08FW145 Datasheet (PDF) - E-SWITCH

PVL08FW145 Datasheet PDF - E-SWITCH
Part # PVL08FW145
Download  PVL08FW145 Download
File Size   862.05 Kbytes
Page   8 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description PVL Series Pilot Indicator

PVL08FW145 Datasheet (PDF)

Go To PDF Page Download Datasheet
PVL08FW145 Datasheet PDF - E-SWITCH

Part # PVL08FW145
Download  PVL08FW145 Click to download

File Size   862.05 Kbytes
Page   8 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description PVL Series Pilot Indicator

PVL08FW145 Datasheet (HTML) - E-SWITCH


PVL08FW145 Product details

Features & Benefits
• Pilot indicator light
• Multiple panel cutout sizes -- 6mm to 19mm dia.
• Multiple illumination voltage options
• Multiple LED color options
• Wire leads (150mm long) optional
• IP67 rated




Similar Part No. - PVL08FW145

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PVL08FL111 E-SWITCH-PVL08FL111 Datasheet
1Mb / 5P
pVl SerieS pilot indicator
PVL08FL113 E-SWITCH-PVL08FL113 Datasheet
1Mb / 5P
pVl SerieS pilot indicator
PVL08FL114 E-SWITCH-PVL08FL114 Datasheet
1Mb / 5P
pVl SerieS pilot indicator
PVL08FL115 E-SWITCH-PVL08FL115 Datasheet
1Mb / 5P
pVl SerieS pilot indicator
PVL08FL116 E-SWITCH-PVL08FL116 Datasheet
1Mb / 5P
pVl SerieS pilot indicator
More results


Similar Description - PVL08FW145

ManufacturerPart #DatasheetDescription
logo
Altech corporation
3PLBRXL-YYY ALTECH-3PLBRXL-YYY Datasheet
195Kb / 1P
Unibody LED Indicator Plastic Pilot Lights 3PLBRxL-yyy
logo
E-SWITCH
PVL E-SWITCH-PVL Datasheet
1Mb / 5P
pVl SerieS pilot indicator
logo
Banner Engineering Corp...
PVL BANNER-PVL Datasheet
337Kb / 4P
PVL Parts Verification Array
PVL BANNER-PVL_V01 Datasheet
1Mb / 2P
PVL Parts Verification Array
logo
Festo Corporation.
119600 FESTO-119600 Datasheet
99Kb / 2P
Pilot valve
119602 FESTO-119602 Datasheet
99Kb / 2P
Pilot valve
535614 FESTO-535614 Datasheet
93Kb / 2P
Pilot valve
535616 FESTO-535616 Datasheet
90Kb / 2P
Pilot valve
535617 FESTO-535617 Datasheet
90Kb / 2P
Pilot valve
8119587 FESTO-8119587 Datasheet
85Kb / 2P
Pilot valve
11/18/21
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com