Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40 Datasheet (PDF) - Numonyx B.V

M45PE40 Datasheet PDF - Numonyx B.V
Part # M45PE40
Download  M45PE40 Download
File Size   886.61 Kbytes
Page   46 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface

M45PE40 Datasheet (PDF)

Go To PDF Page Download Datasheet
M45PE40 Datasheet PDF - Numonyx B.V

Part # M45PE40
Download  M45PE40 Click to download

File Size   886.61 Kbytes
Page   46 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface

M45PE40 Datasheet (HTML) - Numonyx B.V


M45PE40 Product details

Description

The M45PE40 is a 4 Mbit (512 K x 8 bit) Serial Paged Flash Memory accessed by a high speed SPI-compatible bus. The memory can be written or programmed 1 to 256 bytes at a time, using the Page Write or Page Program instruction. The Page Write instruction consists of an integrated Page Erase cycle followed by a Page Program cycle.



Features

■ SPI bus compatible serial interface

■ 50 MHz clock rate (maximum)

■ 2.7 V to 3.6 V single supply voltage

■ 4 Mbits of Page-Erasable Flash memory

■ Page size: 256 bytes:

– Page Write in 11 ms (typical)

– Page Program in 0.8 ms (typical)

– Page Erase in 10 ms (typical)

■ Sector Erase (64 Kbytes)

■ Hardware Write protection of the bottom sector (64 Kbytes)

■ Electronic Signature

– JEDEC standard two-byte signature (4013h)

■ Deep Power-down Mode 1µA (typical)

■ More than 100 000 Write cycles

■ More than 20 years’ data retention

■ Packages

– ECOPACK® (RoHS compliant)



 




Similar Part No. - M45PE40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
04-Oct-2005
M45PE40-VMP6 STMICROELECTRONICS-M45PE40-VMP6 Datasheet
536Kb / 35P
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
04-Oct-2005
M45PE40-VMP6G STMICROELECTRONICS-M45PE40-VMP6G Datasheet
536Kb / 35P
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
04-Oct-2005
M45PE40-VMP6P STMICROELECTRONICS-M45PE40-VMP6P Datasheet
536Kb / 35P
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
04-Oct-2005
M45PE40-VMP6T STMICROELECTRONICS-M45PE40-VMP6T Datasheet
536Kb / 35P
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
04-Oct-2005
More results


Similar Description - M45PE40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
28-May-2004
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
08-Oct-2004
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
04-Oct-2005
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
04-Oct-2005
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
09-Feb-2007
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
15-Dec-2006
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
02-Feb-2007
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
M45PE16 NUMONYX-M45PE16 Datasheet
856Kb / 45P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 NUMONYX-M45PE80 Datasheet
911Kb / 47P
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com