Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM431 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM431
Download  NJM431 Download
File Size   245.31 Kbytes
Page   4 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description ADJUSTABLE PRECISION SHUNT REGULATOR

NJM431 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM431 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM431
Download  NJM431 Click to download

File Size   245.31 Kbytes
Page   4 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description ADJUSTABLE PRECISION SHUNT REGULATOR

NJM431 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM431 Product details

■ FEATURES
• Operating Voltage (VKA = VREF to 36V)
• Fast Turn-On Response
• Cathode Current (1mA to 100mA)
• Low Dynamic Output Impedance (0.2Ωtyp.)
• Load Regulation typically (0.1%)
• Package Outline DIP8, DMP8, SOT-89
• Bipolar Technology




Similar Part No. - NJM431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
NJM431 ETC2-NJM431 Datasheet
180Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
176Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
NJM431D NJRC-NJM431D Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
NJM431D ETC2-NJM431D Datasheet
180Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Similar Description - NJM431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com