Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMF10N80P Datasheet (PDF) - Potens Semiconductor Corp.

PMF10N80P Datasheet PDF - Potens Semiconductor Corp.
Part # PMF10N80P
Download  PMF10N80P Download
File Size   949.11 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 800V N-Channel MOSFETs

PMF10N80P Datasheet (PDF)

Go To PDF Page Download Datasheet
PMF10N80P Datasheet PDF - Potens Semiconductor Corp.

Part # PMF10N80P
Download  PMF10N80P Click to download

File Size   949.11 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 800V N-Channel MOSFETs

PMF10N80P Datasheet (HTML) - Potens Semiconductor Corp.


PMF10N80P Product details

Features
- High efficient switched mode power supplies
- TV Power
- Server Power
- 800V,10A, RDS(ON) =1.2Ω@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available

Applications
- Adapter/charger
- LED Lighting




Similar Part No. - PMF10N80P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMF100318 ETC-PMF100318 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
PMF100319 ETC-PMF100319 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
PMF100320 ETC-PMF100320 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
PMF100321 ETC-PMF100321 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
PMF100585 ETC-PMF100585 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
More results


Similar Description - PMF10N80P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM3N80 KERSEMI-KSM3N80 Datasheet
1Mb / 6P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF3N80F GOOD-ARK-SSF3N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com