Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6221 Datasheet (PDF) - Kimberly-Clark Worldwide, Inc.

6221 Datasheet PDF - Kimberly-Clark Worldwide, Inc.
Part # 6221
Download  6221 Download
File Size   966.66 Kbytes
Page   3 Pages
Manufacturer  KLEENGUARD [Kimberly-Clark Worldwide, Inc.]
Direct Link  https://www.kcprofessional.com/en-gb
Logo KLEENGUARD - Kimberly-Clark Worldwide, Inc.
Description WypAll® Reach™ Food & Hygiene Wiping Paper - Centrefeed / Blue - 6223

6221 Datasheet (PDF)

Go To PDF Page Download Datasheet
6221 Datasheet PDF - Kimberly-Clark Worldwide, Inc.

Part # 6221
Download  6221 Click to download

File Size   966.66 Kbytes
Page   3 Pages
Manufacturer  KLEENGUARD [Kimberly-Clark Worldwide, Inc.]
Direct Link  https://www.kcprofessional.com/en-gb
Logo KLEENGUARD - Kimberly-Clark Worldwide, Inc.
Description WypAll® Reach™ Food & Hygiene Wiping Paper - Centrefeed / Blue - 6223

6221 Datasheet (HTML) - Kimberly-Clark Worldwide, Inc.


6221 Product details

Description
WypAll® Reach™ Food & Hygiene Wiping Paper - Centrefeed / Blue

Product Description
No matter which surfaces they come into contact with throughout their day, give your employees and visitors greater peace of mind by providing proven cleaning and disinfecting workplace hygiene solutions to help break the chain of germ transmission. WypAll® L10 professional wiping paper products are designed for the specific environments where they will be used, helping enable you to deliver on your wiping task every time. These centrefeed blue roll disposable paper wipes are 1 ply and designed for light duty wiping in areas such as food preparation and service surfaces. Blue roll is designed to be easily detectable in contamination critical environments. This blue roll is made specifically for use with the portable WypAll® Reach™ wiping paper dispenser (6221). This easy to handle, portable and enclosed system is designed to keep your centrefeed roll clean, which helps to prevent against transmission of food-borne bacteria. The single sheet dispensing is designed to minimise contamination whilst encouraging efficient use of the paper wipes. The sheet by sheet dispensing reduces paper consumption by over 20% and cuts paper waste by over 20%. Embossing technology in the blue roll delivers a great balance of performance and value in this wiping paper. This WypAll® wiping paper is designed to be used once with detergent or disinfectant. These dry cleaning wipes have been tested as compatible for use in spray and wipe application with peracetic acid, hydrogen peroxide and quats (quaternary ammonium compounds). Spray and wiping compatibility helps to ensure workers can wipe own work spaces, vehicles, desks, seating and food prep areas before and after use. Spray and wipe also helps to enable production workers to clean down / sanitise individual workstations before hand-off to next shift. For environments where fully saturated wiping is a requirement, these WypAll® wiping rolls are tested as compatible with soap/detergent. Always follow manufacturers instructions for dilution, application and contact time. WypAll® Food & Hygiene Wiping paper rolls are also available in white (6222).Individual sheet size 38cm (L) x 18.3cm (W). 6 rolls x 430 sheets, 1 ply, blue (2,580 total)

Product Features
• Each WypAll® L10 centrefeed blue roll contains 430 wiping paper sheets
• Embossing technology in the blue roll delivers a great balance of performance and value in this wiping paper
• Single use cleaning wipes designed to be used once with detergent or disinfectant
• Dry cleaning wipes designed for light duty hygiene wiping and perfect for tasks like cleaning food preparation and service surfaces
• These paper wipers come in a centrefeed roll format for easy single sheet dispensing
• Wiping Rolls remain clean and enclosed to help prevent against transmission of food-borne bacteria
• Designed specifically for the WypAll® Reach™ wiping paper dispenser (product code 6221) using red dispensing nozzle




Similar Part No. - 6221

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
6221 TEKTRONIX-6221 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
logo
Christian Bürkert GmbH ...
6221 BURKERT-6221 Datasheet
119Kb / 4P
Solenoid Valve for high pulsed and compressed air
22.09.2017
logo
TEKTRONIX, INC
6221 KEITHLEY-6221 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
6221-3Y-EW KEITHLEY-6221-3Y-EW Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
logo
Connor-Winfield Corpora...
6221-50.00M CONNOR-WINFIELD-6221-50.00M Datasheet
84Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
More results


Similar Description - 6221

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
Wiping Contact Pushbutton Switches
82-601-85 GRAYHILL-82-601-85 Datasheet
228Kb / 6P
Long, Stroke, Wiping Contact Lightable Modules
logo
SICK AG
WL4S-3N1130H SICK-WL4S-3N1130H Datasheet
1Mb / 6P
Inox Hygiene hotoelectric retroreflective sensor
2/4/2016
WL4S-3P3230H SICK-WL4S-3P3230H Datasheet
1Mb / 6P
Inox Hygiene, Photoelectric retroreflective sensor
2/4/2016
WL4S-3P3232H SICK-WL4S-3P3232H Datasheet
1Mb / 7P
Inox Hygiene, Photoelectric retroreflective sensor
2/4/2016
WL4S-3V3232H SICK-WL4S-3V3232H Datasheet
1Mb / 7P
Inox Hygiene, Photoelectric retroreflective sensor
2/4/2016
logo
Testo SE & Co. KGaA
TESTO104 TESTO-TESTO104 Datasheet
498Kb / 12P
Food thermometer
logo
Western Digital Corpora...
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
SDCZ50-002G-A11 WESTERN-SDCZ50-002G-A11 Datasheet
481Kb / 2P
SanDisk® Cruzer® Blade™ USB flash drive
Rev. 2, 12/10
logo
Broadcom Corporation.
BCM89810 BOARDCOM-BCM89810 Datasheet
291Kb / 2P
SINGLE-PORT BroadR-Reach™ AUTOMOTIVE ETHERNET TRANSCEIVER
October 6, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com