Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1RP0416D Datasheet (PDF) - Renesas Technology Corp

R1RP0416D Datasheet PDF - Renesas Technology Corp
Part # R1RP0416D
Download  R1RP0416D Download
File Size   544.01 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4M High Speed SRAM (256-kword × 16-bit)

R1RP0416D Datasheet (PDF)

Go To PDF Page Download Datasheet
R1RP0416D Datasheet PDF - Renesas Technology Corp

Part # R1RP0416D
Download  R1RP0416D Click to download

File Size   544.01 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4M High Speed SRAM (256-kword × 16-bit)

R1RP0416D Datasheet (HTML) - Renesas Technology Corp


R1RP0416D Product details

• Single 5.0V supply: 5.0V ± 10%
• Access time: 10ns / 12ns (max)
• Completely static memory
⎯ No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
⎯ All inputs and outputs
• Operating current: 170mA / 160mA (max)
• TTL standby current: 40mA (max)
• CMOS standby current : 5mA (max)
: 1.0mA (max) (L-version)
: 0.5mA (max) (S-version)
• Data retention current : 0.5mA (max) (L-version)
: 0.2mA (max) (S-version)
• Data retention voltage: 2V (min) (L-version , S-version)
• Center VCC and VSS type pin out




Similar Part No. - R1RP0416D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
4M High Speed SRAM (256-kword X 16-bit)
R1RP0416DGE-2LR RENESAS-R1RP0416DGE-2LR Datasheet
100Kb / 15P
4M High Speed SRAM (256-kword X 16-bit)
R1RP0416DGE-2PI RENESAS-R1RP0416DGE-2PI Datasheet
461Kb / 13P
Wide Temperature Version 4M High Speed SRAM (256-kword × 16-bit)
Nov.18.19
R1RP0416DGE-2PR RENESAS-R1RP0416DGE-2PR Datasheet
100Kb / 15P
4M High Speed SRAM (256-kword X 16-bit)
R1RP0416DI RENESAS-R1RP0416DI Datasheet
119Kb / 16P
Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
More results


Similar Description - R1RP0416D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6216255H HITACHI-HM6216255H Datasheet
102Kb / 17P
4M high Speed SRAM (256-kword x 16-bit)
HM6216255HC HITACHI-HM6216255HC Datasheet
95Kb / 17P
4M High Speed SRAM (256-kword x 16-bit)
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
4M high Speed SRAM (256-kword x 16-bit)
HM62W16255H HITACHI-HM62W16255H Datasheet
101Kb / 17P
4M High Speed SRAM (256-kword x 16-bit)
HM62W16255HC HITACHI-HM62W16255HC Datasheet
92Kb / 18P
4M High Speed SRAM (256-kword x 16-bit)
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
4M High Speed SRAM (256-kword X 16-bit)
R1RW0416D RENESAS-R1RW0416D Datasheet
100Kb / 16P
4M High Speed SRAM (256-kword x 16-bit)
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
4M SRAM (256-kword 횞 16-bit)
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
4M High Speed SRAM (256-kword 횞 16-bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com